Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8020HLC2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8020HLC2
Description  Dual IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8020HLC2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8020HLC2 Datasheet HTML 17Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 18Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 19Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 20Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 21Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 22Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 23Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 24Page - NXP Semiconductors TDA8020HLC2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2003 Nov 06
21
Philips Semiconductors
Product specification
Dual IC card interface
TDA8020HL
Notes
1. Two ceramic multilayer capacitors of minimum 100 nF with low ESR should be used in order to meet these
specifications.
2. Pin I/O1 has an internal 14 k
Ω pull-up resistor to VCC1 and pin I/O2 has an internal 14 kΩ pull-up resistor to VCC2.
3. Pins I/O1uC and I/O2uC have an internal 11 k
Ω pull-up resistor to VDDI.
4. The hold time required (not greater than 300 ns) to bridge the undefined region of the falling edge of SCL must be
internally provided by a transmitter.
tHD;DAT
data hold time
note 4
0
−−
ns
tSU;DAT
data set-up time
100
−−
ns
tr
rise time SDA and SCL
−−
300
ns
tf
fall time SDA and SCL
−−
300
ns
tSU;STO
set-up time STOP condition
0.6
−−
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
handbook, full pagewidth
MBC622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition
Fig.6 START and STOP conditions.
handbook, full pagewidth
SDA
MGA728
SDA
SCL
t SU;STA
t
SU;STO
t
HD;STA
t BUF
t LOW
t HD;DAT
t HIGH
t r
t f
t SU;DAT
Fig.7 I2C-bus timing waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com