Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2CF-11 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # P2CF-11
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Datasheet(HTML) 5 Page - Omron Electronics LLC

  P2CF-11 Datasheet HTML 1Page - Omron Electronics LLC P2CF-11 Datasheet HTML 2Page - Omron Electronics LLC P2CF-11 Datasheet HTML 3Page - Omron Electronics LLC P2CF-11 Datasheet HTML 4Page - Omron Electronics LLC P2CF-11 Datasheet HTML 5Page - Omron Electronics LLC P2CF-11 Datasheet HTML 6Page - Omron Electronics LLC P2CF-11 Datasheet HTML 7Page - Omron Electronics LLC P2CF-11 Datasheet HTML 8Page - Omron Electronics LLC P2CF-11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
E2C/E2C-H
5
*1. A full-wave rectification power supply of 24 VDC
±10% (average value) can be used (except for the E2C-GE4@).
*2. The sensing distance range required to maintain performed is given for using the Amplifier Unit in combination with the Sensor.
*3. Internal relay: G2R-14 DC 12V
*4. The weight of the Connection Socket is not included.
Heat-resistant Models
Sensors
Note: Ratings and characteristic are given for 50% of the stable sensing area.
*1. Measurement conditions are as follows: standard sensing object, a distance
of twice the standard sensing object, and a set distance of half the sensing
distance.
*2. Do not operate the Sensor in areas exposed to water vapor because the
enclosure is not waterproof.
Amplifier Units
*1. A full-wave rectification power supply of 24 VDC
±10% (average value) can
be used.
*2. The sensing distance range required to maintain performed is given for
using the Amplifier Unit in combination with the Sensor.
Model
E2C-GE4A
E2C-GF4A
E2C-JC4A
E2C-JC4AP
E2C-WH4A
E2C-AM4A
E2C-AK4A
Item
Shock resistance
Destruction: 100 m/s2 3 times each in X, Y, and Z directions
Life expectancy
---
Mechanical:
10,000,000 opera-
tions min.
Electrical: 100,000
operations min.
Connection method
Terminal block
Pre-wired Models
(Standard cable
length: 2 m)
Terminal block
Weight (packed
state) *4
Approx. 20 g
E2C-JC4A: Approx.
50 g
E2C-JC4AP: Approx
80 g
Approx. 80 g
Approx. 140 g
Approx. 250 g
Accessories
Instruction manual
Caution labels,
Mounting Bracket, in-
struction manual
Instruction manual
Item
Model
E2C-X1R5AH
E2C-X2AH
E2C-X5AH
Detectable object
Ferrous metal (The sensing distance decreases with
non-ferrous metal, refer to Engineering Data on page
7.)
Standard sensing
object
Iron, 8
× 8 ×
1mm
Iron, 12
× 12 ×
1mm
Iron, 18
× 18 ×
1mm
Stable sensing
area
0 to 1.5 mm
0 to 2 mm
0 to 5 mm
Differential travel
0.04 mm max.
0.1 mm max.
Response
frequency *1
300 Hz
Ambient tempera-
ture range
Operating/Storage:
−10 to 200°C (with no icing or con-
densation)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±0.2%/°C
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for
2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z direc-
tions
Degree of
protection
IEC 60529 IP60 *2
Connection meth-
od
Pre-wired Models (Cable length: 3 m)
Heat-resistant, high-frequency coaxial cable
Weight
(packed state)
Approx. 50 g
Approx. 60 g
Approx. 140 g
Mate-
rials
Case
Brass
Sensing
surface
PEEK (polyether ether ketone)
Cable
Fluorine resin
Clamping
nut
Brass, nickel-plated
Toothed
washer
Iron, zinc-plated
Item
Model
E2C-JC4CH
E2C-JC4DH
E2C-JC4EH
Power supply
voltage *1
(operating voltage
range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Current consump-
tion
45 mA max.
Sensing distance
adjustment range
*2
20% to 100% of rated sensing distance
4-turn potentiometer
Con-
trol
out-
puts
Load
current
NPN open collector, 100 mA max. (40 VDC max.)
Residual
voltage
0.8 V max.
Indicators
Detection indicator (red)
Operation mode
Changed with NO/NC switch.
Cable length
compensation
Switched between 3 and 5 m.
Ambient tempera-
ture range
Operating/storage:
−10 to 55°C (with no icing or con-
densation)
Ambient
humidity range
Operating/storage: 35% to 85% (with no condensation)
Temperature
influence
±0.08%/°C
Voltage influence
±2% max. of sensing distance at rated voltage in the rat-
ed voltage
±20% range
Insulation
resistance
50 M
Ω min. (at 500 VDC) between current-carrying
parts and case
Dielectric
strength
1,000 VAC, 50/60 Hz for 1 min between current-carry-
ing parts and case
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for
2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 100 m/s2 3 times each in X, Y, and Z direc-
tions
Degree of
protection
IEC 60529 IP20
Connection
method
Pre-wired Models (Cable length: 2 m)
Weight (packed
state)
Approx. 80 g
Accessories
Caution labels, Mounting Bracket, instruction manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com