Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM-L1 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PCM-L1
Description  Pre-Printed Marker Cards PCM Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCM-L1 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PCM-L1 Datasheet HTML 1Page - PANDUIT CORP. PCM-L1 Datasheet HTML 2Page - PANDUIT CORP. PCM-L1 Datasheet HTML 3Page - PANDUIT CORP. PCM-L1 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
E3.4
PCM-1-6
PCM-7
Pre-Printed Marker Cards
PCM Type
• Marker cards printed in a variety of legends allows “kitting” for
project builds
• Plastic liner provides easy removal of markers while protecting
unused markers
Material Chart
Material
Print Method
Temperature Range
Features
Vinyl Cloth, White
Pre-Printed
-50°F to 170°F
(-46°C to 77°C)
Indoor/outdoor rated; conformable material
with repositionable adhesive allows label to
be removed and reused or used in
temporary applications; provides durability,
high temperature resistance, and dimensional
stability for rough or textured surfaces; resists
oil and abrasion.
Part Number
Legend
Width
Length
Markers
Per
Card
Std.
Pkg.
Card(s)
Std.
Ctn.
Card(s)
In.
mm
In.
mm
PCM-0
0
0.25
6.35
1.50
38.1
36
25
100
thru
thru
PCM-99
99
PCM-100
100
0.36
9.14
1.50
38.1
25
25
100
thru
thru
PCM-202
202
PCMH-0
0
0.25
6.35
1.50
38.1
72
25
100
thru
thru
PCMH-25
25
PCM-1-3
1 thru 3
0.25
6.35
1.50
38.10
36
25
100
PCM-1-4
1 thru 4
0.25
6.35
1.50
38.10
25
100
PCM-1-5
1 thru 5
0.25
6.35
1.50
38.10
25
100
PCM-1-6
1 thru 6
0.25
6.35
1.50
38.10
25
100
PCM-1-8
1 thru 8
0.25
6.35
1.50
38.10
25
100
PCM-1-9
1 thru 9
0.25
6.35
1.50
38.10
25
100
PCM-0-9
0 thru 9
0.25
6.35
1.50
38.10
25
100
PCM-1-10
1 thru 10
0.25
6.35
1.50
38.10
25
100
PCM-1-12
1 thru 12
0.25
6.35
1.50
38.10
25
100
PCM-1-16
1 thru 16
0.25
6.35
1.50
38.10
25
100
PCM-1-18
1 thru 18
0.25
6.35
1.50
38.10
25
100
PCM-19-36
19 thru 36
0.25
6.35
1.50
38.10
33
25
100
PCM-1-33
1 thru 33
0.27
6.91
1.50
38.10
25
100
PCM-34-66
34 thru 66
0.27
6.91
1.50
38.10
25
100
PCM-67-99
67 thru 99
0.27
6.91
1.50
38.10
25
100
PCM-100-124
100 thru 124
0.36
9.14
1.50
38.10
25
25
100
PCM-125-149
125 thru 149
0.36
9.14
1.50
38.10
25
100
PCM-150-174
150 thru 174
0.36
9.14
1.50
38.10
25
100
PCM-175-199
175 thru 199
0.36
9.14
1.50
38.10
25
100
PCM-200-224
200 thru 224
0.36
9.14
1.50
38.10
25
100
PCM-225-249
225 thru 249
0.36
9.14
1.50
38.10
25
100
PCM-250-274
250 thru 274
0.36
9.14
1.50
38.10
25
100
PCM-275-299
275 thru 299
0.36
9.14
1.50
38.10
25
100
PCM-300-324
300 thru 324
0.36
9.14
1.50
38.10
25
100
PCM-325-349
325 thru 349
0.36
9.14
1.50
38.10
25
100
PCM-350-374
350 thru 374
0.36
9.14
1.50
38.10
25
100
PCM-375-399
375 thru 399
0.36
9.14
1.50
38.10
25
100
PCM-400-424
400 thru 424
0.36
9.14
1.50
38.10
25
100
PCM-425-449
425 thru 449
0.36
9.14
1.50
38.10
25
100
PCM-450-474
450 thru 474
0.36
9.14
1.50
38.10
25
100
PCM-475-499
475 thru 499
0.36
9.14
1.50
38.10
25
100
PCM-500-524
500 thru 524
0.36
9.14
1.50
38.10
25
100


Similar Part No. - PCM-L1

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-LN02 AAEON-PCM-LN02 Datasheet
280Kb / 2P
Compact Board with Onboard Intel Atom N455/D525 Processor
More results

Similar Description - PCM-L1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0828488 PHOENIX-0828488 Datasheet
52Kb / 3P
Marker cards - SBS 5 CUS
0828489 PHOENIX-0828489 Datasheet
57Kb / 3P
Marker cards - SBS 6 CUS
0828490 PHOENIX-0828490 Datasheet
56Kb / 2P
Marker cards - SBS 8 CUS
0828491 PHOENIX-0828491 Datasheet
50Kb / 3P
Marker cards - SBS10 CUS
1007219 PHOENIX-1007219 Datasheet
48Kb / 2P
Marker cards - SBS 5:UNBEDRUCKT
1007222 PHOENIX-1007222 Datasheet
52Kb / 2P
Marker cards - SBS 6:UNBEDRUCKT
1007248 PHOENIX-1007248 Datasheet
46Kb / 2P
Marker cards - SBS10:UNBEDRUCKT
1007329 PHOENIX-1007329 Datasheet
53Kb / 2P
Marker cards - SBS 6: 1- 500
1007358 PHOENIX-1007358 Datasheet
52Kb / 2P
Marker cards - SBS 6: 501-1000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com