Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

67-21-RSC-T1V1-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21-RSC-T1V1-2T
Description  TOP View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-RSC-T1V1-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21-RSC-T1V1-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-RSC-T1V1-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:15:57.0
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 10
Device No. : DSE-671-516
prepared date:18-Apr-2006
Prepared by: Teresa Tee
67-21/RSC-T1V1/2T
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Electrostatic Discharge(HBM)
ESD
150
V
Power Dissipation
Pd
130
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous intensity
IV
285
-----
900
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=20mA
Peak Wavelength
λp
-----
632
-----
nm
IF=20mA
Dominant Wavelength
λd
-----
624
-----
nm
IF=20mA
Spectrum Radiation Bandwidth
△
λ
-----
20
-----
nm
IF=20mA
Forward Voltage
VF
1.70
2.0
2.40
V
IF=20mA
Reverse Current
IR
-----
-----
10
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±11%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com