Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3283LLHLT Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A3283LLHLT
Description  Chopper-Stabilized, Precision Hall-Effect Latches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3283LLHLT Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A3283LLHLT Datasheet HTML 5Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 6Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 7Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 8Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 9Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 10Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 11Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 12Page - Allegro MicroSystems A3283LLHLT Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Chopper-Stabilized, Precision
Hall-Effect Latches
A3280, A3281
and
A3283
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Copyright ©2002-2010, Allegro MicroSystems, Inc.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to per-
mit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com
Package UA, 3-Pin SIP
23
1
1.27 NOM
2.16
MAX
0.51
REF
45°
C
45°
0.79 REF
B
E
E
E
2.06
1.45
Gate burr area
A
B
C
Dambar removal protrusion (6X)
A
D
E
D
Branding scale and appearance at supplier discretion
Hall element, not to scale
Active Area Depth, 0.50 mm REF
For Reference Only; not for tooling use (reference DWG-9049)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Standard Branding Reference View
= Supplier emblem
N = Last two digits of device part number
T = Temperature code
NNT
1
Mold Ejector
Pin Indent
Branded
Face
4.09 +0.08
–0.05
0.41 +0.03
–0.06
3.02 +0.08
–0.05
0.43 +0.05
–0.07
15.75 ±0.51
1.52 ±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com