Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT47C20 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit Microcontroller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 23Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 24Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 25Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 26Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 27Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
HT47C20
24
January 18, 2000
A/D converter
Two channels of RC type A/D converter are im-
plemented in the HT47C20. The A/D converter
contains two 16-bit programmable count-up
counter and the Timer A clock source may come
from the system clock, instruction clock or RTC
output. The timer B clock source may come
from the external RC oscillator. The TMRAL,
TMRAH, TMRBL, TMRBH is composed of the
A/D converter when ADC/TM bit (bit 1 of ADRC
register) is ²1².
The A/D converter timer B clock source may
come from channel 0 (IN0 external clock input
mode, RS0~CS0 oscillation, RT0~CS0 oscilla-
tion, CRT0~CS0 oscillation (CRT0 is a resis-
tor), or RS0~CRT0 oscillation (CRT0 is a
capacitor) or channel 1 (RS1~CS1 oscillation,
RT1~CS1 oscillation or IN1 external clock in-
put). The timer A clock source is from the sys-
tem clock, instruction clock or RTC prescaler
clock output decided by TMRC register.
There are six registers related to the A/D con-
verter, i.e., TMRAH, TMRAL, TMRC, TMRBH,
TMRBL and ADCR. The internal timer clock is
input to TMRAH and TMRAL, the A/D clock is
input to TMRBH and TMRBL. The OVB/OVA
bit (bit 0 of ADCR register) decides whether
timer A overflows or timer B overflows, then
the TF bit is set and timer interrupt occurs.
When the A/D converter mode timer A or timer
B overflows, the TON bit is reset and stop
counting. Writing TMRAH/TMRBH makes the
starting value be placed in the timer A/timer B
and reading TMRAH/TMRBH gets the con-
tents of the timer A/timer B. Writing
TMRAL/TMRBL only writes the data into a low
byte buffer, and writing TMRAH/TMRBH will
write the data and the contents of the low byte
buffer into the timer A/timer B (16-bit) simulta-
neously. The timer A/timer B is changed by writ-
ing TMRAH/TMRBH operations and writing
TMRAL/TMRBL will keep timer A/timer B un-
changed.
Reading TMRAH/TMRBH will also latch the
TMRAL/TMRBL into the low byte buffer to avoid
thefalsetimingproblem.ReadingTMRAL/TMRBL
returns the contents of the low byte buffer. In other
word, the low byte of timer A/timer B can not be
read directly. It must read the TMRAH/TMRBH
first to make the low byte contents of timer A/timer
Bbelatchedintothebuffer.
Label
(ADCR)
Bits
Function
OVB/OVA
0
In the RC type A/D converter mode, this bit is used to define the timer/event
counter interrupt which comes from timer A overflow or timer B overflow.
(0= timer A overflow; 1= timer B overflow)
In the timer/event counter mode, this bit is void.
ADC/TM
1
Defines 16 timer/event counters or RC type A/D converter is enabled.
(0= timer/event counter enable; 1= A/D converter is enabled)
¾
2~3 Unused bits, read as ²0².
M0
M1
M2
M3
4
5
6
7
Defines the A/D converter operating mode (M3, M2, M1, M0)
0000= IN0 external clock input mode
0001= RS0~CS0 oscillation (reference resistor and reference capacitor)
0010= RT0~CS0 oscillation (resistor sensor and reference capacitor)
0011= CRT0~CS0 oscillation (resistor sensor and reference capacitor)
0100= RS0~CRT0 oscillation (reference resistor and sensor capacitor)
0101= RS1~CS1 oscillation (reference resistor and reference capacitor)
0110= RT1~CS1 oscillation (resistor sensor and reference capacitor)
0111= IN1 external clock input mode
1XXX= Undefined mode
ADCR register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com