Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT47C20L Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 22Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 23Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 24Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 25Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 26Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 27Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
HT47C20L
24
January 18, 2000
Label
(ADCR)
Bits
Function
OVB/OVA
0
In the RC type A/D converter mode, this bit is used to define the timer/event
counter interrupt which comes from timer A overflow or timer B overflow.
(0= timer A overflow; 1= timer B overflow)
In the timer/event counter mode, this bit is void.
ADC/TM
1
To define 16-bit timer/event counter or RC type A/D converter is enable.
(0= timer/event counter enable; 1= A/D converter is enable)
¾
2~3 Unused bits, read as ²0²
M0
M1
M2
M3
4
5
6
7
To define the A/D converter operating mode (M3, M2, M1, M0)
0000= IN0 external clock input mode
0001= RS0~CS0 oscillation (reference resistor and reference capacitor)
0010= RT0~CS0 oscillation (resistor sensor and reference capacitor)
0011= CRT0~CS0 oscillation (resistor sensor and reference capacitor)
0100= RS0~CRT0 oscillation (reference resistor and sensor capacitor)
0101= RS1~CS1 oscillation (reference resistor and reference capacitor)
0110= RT1~CS1 oscillation (resistor sensor and reference capacitor)
0111= IN1 external clock input mode
1XXX= Undefined mode
ADCR register
A/D converter
Two channels of RC type A/D converter are im-
plemented in the HT47C20L. The A/D con-
verter contains two 16-bit programmable
count-up counter and the timer A clock source
may come from the system clock, T1 (system
clock/4) or real time clock output. The timer B
clock source may come from the external RC os-
cillator. The TMRAL, TMRAH, TMRBL,
TMRBH are composed of the A/D converter when
ADC/TM bit (bit 1 of ADCR register) is ²1².
The A/D converter timer B clock source may
come from channel 0 (IN0 external clock input
mode, RS0~CS0 oscillation, RT0~CS0 oscilla-
tion, CRT0~CS0 oscillation (CRT0 is a resis-
tor), or RS0~CRT0 oscillation (CRT0 is a
capacitor) or channel 1 (RS1~CS1 oscillation,
RT1~CS1 oscillation or IN1 external clock in-
put). The timer A clock source is from the sys-
tem clock, T1 or real time clock prescaler clock
output decided by TMRC register.
There are six registers related to A/D converter,
i.e., TMRAH, TMRAL, TMRC, TMRBH, TMRBL
and ADCR. The internal timer clock is input to
TMRAH and TMRAL, the A/D clock is input to
TMRBH and TMRBL. The OVB/OVA bit (bit 0
of the ADCR register) decides whether timer A
overflows or timer B overflows, then the TF bit
is set and timer interrupt occurs. When the A/D
converter mode timer A or timer B overflows,
the TON bit is reset and stop counting. Writing
TMRAH/TMRBH puts the starting value in the
timer A/timer B and reading TMRAH/TMRBH
gets the contents of the timer A/timer B. Writ-
ing TMRAL/TMRBL only writes the data into a
low byte buffer, and writing TMRAH/TMRBH
will write the data and the contents of the low
byte buffer into the timer A/timer B (16-bit) si-
multaneously. The timer A/timer B is change by
writing TMRAH/TMRBH operations and writing
TMRAL/TMRBL will keep the timer A/timer B
unchanged.
Reading TMRAH/TMRBH will also latch the
TMRAL/TMRBL into the low byte buffer to
avoid the false timing problem. Reading
TMRAL/TMRBL returns the contents of the
low byte buffer. In other word, the low byte of
timer A/timer B can not be read directly. It
must read the TMRAH/TMRBH first to make
the low byte contents of timer A/timer B be
latched into the buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com