Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD2941-10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD2941-10
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2941-10 Datasheet(HTML) 1 Page - STMicroelectronics

  SD2941-10 Datasheet HTML 1Page - STMicroelectronics SD2941-10 Datasheet HTML 2Page - STMicroelectronics SD2941-10 Datasheet HTML 3Page - STMicroelectronics SD2941-10 Datasheet HTML 4Page - STMicroelectronics SD2941-10 Datasheet HTML 5Page - STMicroelectronics SD2941-10 Datasheet HTML 6Page - STMicroelectronics SD2941-10 Datasheet HTML 7Page - STMicroelectronics SD2941-10 Datasheet HTML 8Page - STMicroelectronics SD2941-10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
August 2014
DocID11815 Rev 5
1/17
SD2941-10
HF/VHF/UHF RF power N-channel MOSFETs
Datasheet
- production data
Figure 1. Pin connection
Features
• Gold metallization
• Excellent thermal stability
• Common source configuration
• POUT = 175 W min. with 15 dB gain @ 175
MHz, 50 V
• POUT = 135 W typ. with 14 dB gain @ 123 MHz,
28 V
• Low RDS(on)
• Thermally enhanced packaging for lower
junction temperatures
• In compliance with the 2002/95/EC1 European
directive
Description
The SD2941-10 is a gold metalized N-channel
MOS field-effect RF power transistor, intended for
use in 28 V to 50 V dc large signal applications up
to 230 MHz. It offers 25% lower RDS(ON) than the
industry standard, with 20% higher PSAT than ST's
SD2931-10 device. The SD2941-10 is housed in
the low thermal M174 non-pedestal package,
offering 25% lower thermal resistance than the
industry standard, thus rendering it the "best-in-
class" transistor for ISM applications, where
reliability and ruggedness are critical factor
M174 Epoxy sealed
1. Drain
2. Source
3. Gate
4. Source
41
2
3
Table 1. Device summary
Order code
Marking
Base qty.
Package
Packaging(1)
SD2941-10W
SD2941-10(1)
25 pcs
M174
Plastic tray
1.
For more details please refer to Chapter 7: Marking, packing and shipping specifications.
www.st.com


Similar Part No. - SD2941-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD2941-10 ETC1-SD2941-10 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
Amphenol Corporation
SD2941-10 AMPHENOL-SD2941-10 Datasheet
562Kb / 3P
Luminus MP Series
logo
New Jersey Semi-Conduct...
SD2941-10 NJSEMI-SD2941-10 Datasheet
233Kb / 4P
RF power transistors
More results

Similar Description - SD2941-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
Nov-1999
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
27-May-2003
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
RF power transistors HF/VHF/UHF N-channel MOSFETs
04-Mar-2008
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
RF power transistors HF/VHF/UHF N-channel MOSFETs
30-Mar-2010
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
HF/VHF/UHF RF power N-channel MOSFETs
12-Jan-2012
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
HF/VHF/UHF RF power N-channel MOSFETs
24-Aug-2011
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
HF/VHF/UHF RF power N-channel MOSFETs
27-Jan-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com