Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT813D0 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT813D0
Description  5.6 Second LOG-PCM Speech
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT813D0 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT813D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT813D0 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Push-pull output
To prevent the speaker and driver transistor from damage due to excess power dissipation which
results from a high voltage power supply (4.5V~5.5V), the following push-pull output stage is
recommended.
Coupling to power amplifier
Standard Item List
Item
Name
ROSC
Key Debounce
Time
Pull-High
Resistor
Key Function
HT813D1
Brick Game
460k
Ω
600
µs50kΩ
Note 1
Note 1: KEY1: Sequential
KEY2~KEY8: Level-trigger
HT813D0
12
5th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com