Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT9580 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 32Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 33Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 34Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
HT9580
31
April 28, 2000
Preliminary
SPI input buffer register (read only)
Address
Register
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
State on
POR
0038H
SPI-IN3
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
0039H
SPI-IN2
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
003AH
SPI-IN1
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
003BH
SPI-IN0
D7
D6
D5
D4
D3
D2
D1
D0
0000 0000
The SPI-IN3~0 are used when receiving data on the serial bus. When SPI transmits only valid data
writes to the register SPI-OUT3~0, "START" will initiate the SPI data transmission from HT9580 to
FLEXTM decoder. After completion of the 4-byte data transfer, the "SPIFG" status bit will be set and
the internal signal "REQST" will generate a falling edge signal for NMI. The bit7 of SPI-IN3 is MSB
and bit0 of SPI-IN0 is LSB.
SP I F G
RE Q S T
(N M I )
RE Q S T
( r egi s t er )
ST AR T
( r egi s t er )
SC K
MO S I
( f r o m H T 95 80)
MI S O
( f r o m dec od er )
S S ( t o d ec oder )
SR D Y
( f r o m dec od er )
SP I - O U T 3 ~ 0
S P I- IN 3 ~ 0
2
2
1
1
LS B
LS B
MS B
MS B
S P I pac k e t e x c h ange i ni t i at ed b y t he H T 9580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com