Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTG12B0 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HTG12B0
Description  4-Bit Microcontroller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12B0 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HTG12B0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG12B0 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Application Circuits
HTG12B0
16
September 8, 1999
PS0
PS1
PS2
PS3
IN P U T
PO R T
0. 1 m F
RE S
06 /  * 
LC D
P a tte r n
(1 / 4 B i a s ,
1/ 16 Dut y )
X4 0
CO M 0
CO M 1
SE G M E N T
OU T P U T
Pi e z o
Bu z z e r
BZ
BZ
OS C I
OS C O
PA0
PA1
PA2
PA3
PM 0
PM 1
PM 2
R*
XI N
XO U T
X' ta l
CO M 1 5
R * : De p e n d s o n t h e r e q u i r e d syst e m c l o ck f r e q uenc y . ( R = 620k W ~5 1 k W , a t V DD =3 V )
X ' t a l : R eal t i m e c l o c k f r equenc y . ( X ' t a l = 32768H z )
I/O
PO R T
PB0
PM 3
PB1
PB2
PB3
I/ O
PO R T
IN P U T
PO R T
VL C 3
VL C 4
VL C 1
VL C 2
VO U T 3
VO U T 4
VO U T 1
VO U T 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com