Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCPL-5301 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-5301
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5301 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5301 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5301 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1-56
Package Characteristics
Over recommended temperature (TA = -40°C to 100°C) unless otherwise specified.
Parameter
Sym.
Min. Typ.* Max. Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
2500
V rms HCPL-4506
RH < 50%,
6, 7, 8
Withstand Voltage†
HCPL-0466
t = 1 min.
5000
HCNW4506
6, 8, 13
Option 020
5000
HCNW4506
6, 8
Resistance
RI-O
1012
Ω
HCPL-4506
VI-O = 500 Vdc
6
(Input-Output)
HCPL-0466
1012
1013
HCNW4506
Capacitance
CI-O
0.6
pF
HCPL-4506
f = 1 MHz
6
(Input-Output)
HCPL-0466
0.5
HCNW4506
*All typical values at 25
°C, V
CC = 15 V.
†The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Related Characteristics Table (if
applicable), your equipment level safety specification or HP Application Note 1074 entitled “Optocoupler Input-Output Endurance
Voltage,” publication number 5963-2203E.
Notes:
1. Derate linearly above 90
°C free-air
temperature at a rate of 0.8 mA/
°C.
2. Derate linearly above 90
°C free-air
temperature at a rate of 1.6 mA/
°C.
3. Derate linearly above 90
°C free-air
temperature at a rate of 3.0 mW/
°C.
4. Derate linearly above 90
°C free-air
temperature at a rate of 4.2 mW/
°C.
5. CURRENT TRANSFER RATIO in
percent is defined as the ratio of
output collector current (IO) to the
forward LED input current (IF) times
100.
6. Device considered a two-terminal
device: Pins 1, 2, 3, and 4 shorted
together and Pins 5, 6, 7, and 8
shorted together.
7. In accordance with UL 1577, each
optocoupler is proof tested by
applying an insulation test voltage
≥ 3000 V rms for 1 second (leakage
detection current limit, II-O ≤ 5 µA).
This test is performed before the
100% Production test shown in the
VDE 0884 Insulation Related
Characteristics Table, if applicable.
8. For option 020, in accordance with
UL 1577, each optocoupler is proof
tested by applying an insulation test
voltage
≥ 6000 V rms for 1 second
(leakage detection current limit, II-O
≤ 5 µA). This test is performed before
the 100% Production test for partial
discharge (method b) shown in the
VDE 0884 Insulation Related
Characteristics Table, if applicable.
9. Pulse: f = 20 kHz, Duty Cycle = 10%.
10. The internal 20 k
Ω resistor can be
used by shorting pins 6 and 7
together.
11. Due to tolerance of the internal
resistor, and since propagation delay
is dependent on the load resistor
value, performance can be improved
by using an external 20 k
Ω 1% load
resistor. For more information on
how propagation delay varies with
load resistance, see Figure 12.
12. The RL = 20 kΩ, CL = 100 pF load
represents a typical IPM (Intelligent
Power Module) load.
13. See Option 020 data sheet for more
information.
14. Use of a 0.1
µF bypass capacitor
connected between pins 5 and 8 can
improve performance by filtering
power supply line noise.
15. The difference between tPLH and tPHL
between any two devices under the
same test condition. (See IPM Dead
Time and Propagation Delay
Specifications section.)
16. Common mode transient immunity in
a Logic High level is the maximum
tolerable dVCM/dt of the common
mode pulse, VCM, to assure that the
output will remain in a Logic High
state (i.e., VO > 3.0 V).
17. Common mode transient immunity in
a Logic Low level is the maximum
tolerable dVCM/dt of the common
mode pulse, VCM, to assure that the
output will remain in a Logic Low
state (i.e., VO < 1.0 V).
18. Pulse Width Distortion (PWD) is
defined as |tPHL - tPLH| for any given
device.
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com