| Electronic Components Datasheet Search |
|
FLI5968H Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FLI5968H Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Description FLI5962, FLI5962H, FLI5968H, FLI5928H 2/7 Doc ID 15018 Rev 2 1 Description The FLI59xx family of controllers are highly integrated mixed signal LCD controllers for multi-function LCD monitors and LCD TV applications supporting up to WUXGA resolutions. The FLI59xx has integrated advanced video image processing from Faroudja as well as a proven ADC/PLL and Ultra-Reliable DVI or HDMI 1.1 compatible digital receiver with FRC to ensure proven PC graphics compatibility. With Emmy award winning Faroudja DCDi® technology incorporating horizontal enhancement technology, advanced TV color control with Adaptive Contrast and Color (ACC) and Active Color Management-3D (ACM-3D), in addition to industry leading Motion Adaptive De-interlacing (MADi), advanced film mode detection, and response time compensation, the FLI59xx processes SDTV inputs to output images that are crisper with life-like quality. The integrated picture-in-picture, embedded microcontroller, versatile OSD engine, low bandwidth general purpose ADC, and dual LVDS transmitters (or optional 24-bit TTL output) enables cost-effective HDTV-ready multi-function LCD monitor or LCD TV solutions. The FLI59xx family of controllers includes the following products: ● FLI5962 supports up to 1920 x 1200 resolutions with DVI ● FLI5962H supports up to 1920 x 1200 resolutions with DVI and HDCP ● FLI5968H supports up to 1920 x 1200 resolutions with HDMI and HDCP ● FLI5928H supports up to 1366 x 768 resolutions with HDMI and HDCP Figure 1. System diagram FLI59xx 1Mx16 1Mx16 NVRAM ITU656 Video Decoder Keypad with IR ADC (Optional) S-Video VGA DVI/HDMI LVDS to Panel Composite YPbPr SPI ROM |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |