Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24MAC402 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24MAC402
Description  Plus an Embedded Unique 128-bit Serial Number
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24MAC402 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24MAC402_14 Datasheet HTML 17Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 18Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 19Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 20Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 21Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 22Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 23Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 24Page - ATMEL Corporation AT24MAC402_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
AT24MAC402/602 [DATASHEET]
Atmel-8807D-SEEPROM-AT24MAC402-602-Datasheet_082013
10.
Ordering Information
10.1 Ordering Code Detail
24 M A C
0
42
S S
–
AT
Atmel Designator
Product Family
EUI Option
4 = EUI-48 Standard
6 = EUI-64 Standard
Package Option
SS
= JEDEC SOIC
X
= TSSOP
MA
= UDFN
ST
= SOT23
WWU = Wafer Unsawn
M
Operating Voltage
M = 1.7V to 5.5V
H
Package Device Grade or
Wafer/Die Thickness
H = Green, NiPdAu Lead Finish,
Industrial Temperature Range,
(-40°C to +85°C)
U = Green, Matte Sn Lead Finish,
Industrial Temperature Range,
(-40°C to +85°C)
11= 11 mil Wafer Thickness
B
–
Shipping Carrier Option
Device Density
02 = 2-Kbit Density
24MAC = I2C-compatible Serial EEPROM
with EUI Address Feature
with 128-bit Serial Number Feature
B = Bulk (Tubes)
T = Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com