Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ITS40FR2ST Datasheet(PDF) 2 Page - C&K Components

Part # ITS40FR2ST
Description  Vertical and right angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ITS40FR2ST Datasheet(HTML) 2 Page - C&K Components

  ITS40FR2ST Datasheet HTML 1Page - C&K Components ITS40FR2ST Datasheet HTML 2Page - C&K Components ITS40FR2ST Datasheet HTML 3Page - C&K Components ITS40FR2ST Datasheet HTML 4Page - C&K Components ITS40FR2ST Datasheet HTML 5Page - C&K Components ITS40FR2ST Datasheet HTML 6Page - C&K Components ITS40FR2ST Datasheet HTML 7Page - C&K Components ITS40FR2ST Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
B–90
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
11 nov 13
ITS Series
Illuminated Tact Switch
LED COLOR / BRIGHTNESS
MOUNTING STYLES
V1 - Vertical Thru-hole
6.8
3.45±0.05
4
4.6
3.6
2.5
0
-0.1
7.2±0.3
6.5±0.3
0.3
7.2
(7.2)
0.7
1.2
6.4
6.2±0.3
6
(L1)
5X 4.6
0.3
4.5±0.3
4.5
6.2
6.5
6X
1
LED TERMINAL L1 IS TRIMMED
LONGER THAN TERMINAL L2
1
2
3
4
L1
L2
COLOR 1
COLOR 2
TACT
LED
ELECTRICAL SCHEMATIC
L1
DOT SHOWING LED COLOR IS
MARKED FOR MINUS POLE
SEE SCHEMATIC
L2
3
4
L2
4
2
L1
1
3
L1
L2
2
1
3
4
P.C.B. LAYOUT
LED Characteristic
units
Red
(1)
Blue
(4)
White
(5)
True Green
(6)
Recommended Operating
mA @ 5VDC
20mA
20mA
20mA
20mA
20mA
Forward Current
mA
30 mA
30 mA
30 mA
30 mA
30 mA
Peak Pulsing Current
(1/8 duty @ 1kHz)
mA
125 mA
125 mA
125 mA
125 mA
125 mA
Power Dissipation
mW
75 mW
75 mW
108 mW
114 mW
108 mW
Forward Voltage @ 20mA
Volts
2.5 Volts Max.
2.5 Volts Max.
3.6 Volts Max.
3.6 Volts Max.
3.6 Volts Max.
Dominant Wavelength
@ 20mA
nm
637nm (Typical)
570nm (Typical)
465nm (Typical)
522nm (Typical)
Wavelength at Peak Emission
@
20mA
nm
645nm (Typical)
573nm (Typical)
460nm (Typical)
515nm (Typical)
Spectral Half Bandwidth
@ 20mA
nm
20nm (Typical)
17nm (Typical)
25nm (Typical)
33nm (Typical)
Luminous Intensity @ 20mA
mcd
50mcd Minimum
40mcd Minimum 100mcd Minimum 250mcd Minimum 500mcd Minimum
Viewing Angle at 50% LV (@10mA)
degrees
150˚ Typical
120˚ Typical
120˚ Typical
150˚ Typical
120˚ Typical
Standard LED Color Options
Yellow
(2)
20mA
30 mA
125 mA
75 mW
2.5 Volts Max.
590nm (Typical)
590nm (Typical)
20nm (Typical)
125mcd Minimum
120˚ Typical
Green
(3)
CIE Coordinates
X= 0.25 ˜ 0.33
Y= 0.24 ˜ 0.34
NEW!
TRAY PACKAGING: 200 PIECES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com