Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDI430 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXDI430
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI430 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXDI430 Datasheet HTML 4Page - IXYS Corporation IXDI430 Datasheet HTML 5Page - IXYS Corporation IXDI430 Datasheet HTML 6Page - IXYS Corporation IXDI430 Datasheet HTML 7Page - IXYS Corporation IXDI430 Datasheet HTML 8Page - IXYS Corporation IXDI430 Datasheet HTML 9Page - IXYS Corporation IXDI430 Datasheet HTML 10Page - IXYS Corporation IXDI430 Datasheet HTML 11Page - IXYS Corporation IXDI430 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
IXDN430 / IXDI430 / IXDD430 / IXDS430
N Channel Output Current vs. Temperature
Vcc = 18V
0
5
10
15
20
25
30
35
40
45
-60
-10
40
90
140
190
Temperature (C)
P C hannel O utput C urrent vs. Vcc
-8 0
-7 0
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
10
15
20
25
30
35
40
Vcc (V)
High State Output Resistance vs. Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
10
15
20
25
30
35
40
Supply Voltage (V)
P Channel Output Current vs. Temperature
Vcc = 18V
0
5
10
15
20
25
30
35
40
-60
-10
40
90
140
190
Temperature (C)
Fig. 21
Fig. 22
Fig. 23
Fig. 24
N Channel O utput Current vs. Vcc
0
10
20
30
40
50
60
70
10
15
20
25
30
35
40
Vcc (V )
Fig. 25
Fig. 26
Low State Output Resistance vs. Supply Voltage
0
0.05
0.1
0.15
0.2
0.25
10
15
20
25
30
35
40
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com