Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDI430YI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDI430YI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI430YI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDI430YI Datasheet HTML 1Page - IXYS Corporation IXDI430YI Datasheet HTML 2Page - IXYS Corporation IXDI430YI Datasheet HTML 3Page - IXYS Corporation IXDI430YI Datasheet HTML 4Page - IXYS Corporation IXDI430YI Datasheet HTML 5Page - IXYS Corporation IXDI430YI Datasheet HTML 6Page - IXYS Corporation IXDI430YI Datasheet HTML 7Page - IXYS Corporation IXDI430YI Datasheet HTML 8Page - IXYS Corporation IXDI430YI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
First Release
Copyright © IXYS CORPORATION 2005
Ordering Information
General Description
The IXDN430/IXDI430/IXDD430/IXDS430 are high speed high current
gate drivers specifically designed to drive MOSFETs and IGBTs to their
minimum switching time and maximum practical frequency limits. The
IXD_430 can source and sink 30A of peak current while producing
voltage rise and fall times of less than 30ns. The input of the drivers are
compatible with TTL or CMOS and are fully immune to latch up over the
entire operating range. Designed with small internal delays, cross
conduction/current shoot-through is virtually eliminated in all
configurations. Their features and wide safety margin in operating
voltage and power make the drivers unmatched in performance and
value.
The IXD_430 incorporates a unique ability to disable the output under
fault conditions. The standard undervoltage lockout voltages are 11.75V
for the IXD_430 parts and 8.5V for the IXD_430M parts. ULVO can be
set to either level in the IXDS430 with the UNSEL input line. When a
logical low is forced into the Enable inputs, both final output stage
MOSFETs (NMOS and PMOS) are turned off. As a result, the output
of the IXDD430 enters a tristate mode and enables a Soft Turn-Off of the
MOSFET when a short circuit is detected. This helps prevent damage
that could occur to the MOSFET if it were to be switched off abruptly due
to a dv/dt over-voltage transient.
The IXDN430 is configured as a noninverting gate driver, and the IXDI430
is an inverting gate driver. The IXDS430 can be configured either as a
noninverting or inverting driver. The IXD_430 are available in the standard
28-pin SIOC (SI-CT), 5-pin TO-220 (CI), and in the TO-263 (YI) surface
mount packages. CT or 'Cool Tab' for the 28-pin SOIC package refers
to the backside metal heatsink tab.
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected
• High Peak Output Current: 30A Peak
• Wide Operating Range: 8.5V to 35V
• Under Voltage Lockout Protection
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 5600 pF in <25ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
Applications
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON / OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Limiting di/dt Under Short Circuit
• Class D Switching Amplifiers
Pa r t N u m b e r
P a ck ag e
Ty p e
Te m p . R a n ge
C on figur a tion
U n de r v olta ge
Lo c k -out
IX D D 43 0Y I
IX D D 4 30M Y I
5-pin T O -26 3
11.7 5 V
8.5 V
IX D D 43 0C I
IX D D 4 30M C I
5-pin T O -22 0
-5 5° C to +1 25 °
N on Inv erting w ith
E nable
11.7 5 V
8.5 V
IX D I430YI
IX D I430 M Y I
5-pin T O -26 3
11.7 5 V
8.5 V
IX D I430C I
IX D I430M C I
5-pin T O -22 0
-5 5° C to +1 25 °
In v e rtin g
11.7 5 V
8.5 V
IX D N 43 0Y I
IX D N 4 30M Y I
5-pin T O -26 3
11.7 5 V
8.5 V
IX D N 43 0C I
IX D N 4 30M C I
5-pin T O -22 0
-5 5° C to +1 25 °
N on Inv erting
11.7 5 V
8.5 V
IX D S 43 0S I
28-pin S O IC
-5 5° C to +1 25 °
Inv e rting / N on
In v e rtin g w ith
E nable
a nd U V S E L
11.7 5 V
or
8.5 V
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDN430 / IXDI430 / IXDD430 / IXDS430
DS99045C(04/04)


Similar Part No. - IXDI430YI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI430YI IXYS-IXDI430YI Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
More results

Similar Description - IXDI430YI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
9 Amp Low-Side Ultrafast MOSFET Driver
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD404 IXYS-IXDD404_07 Datasheet
855Kb / 12P
4 Amp Dual Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
14 Amp Low-Side Ultrafast MOSFET Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
8 Amp Low-Side Ultrafast MOSFET Driver
IX4351NE IXYS-IX4351NE Datasheet
284Kb / 10P
9A Low Side SiC MOSFET & IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com