Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24C01D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24C01D
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24C01D_14 Datasheet HTML 17Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 18Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 19Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 20Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 21Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 22Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 23Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 24Page - ATMEL Corporation AT24C01D_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AT24C01D and AT24C02D [DATASHEET]
Atmel-8871B-SEEPROM-AT24C01D-02D-Datasheet_032014
21
12.3 8MA2 — 8-pad UDFN
DRAWING NO.
REV.
TITLE
GPC
8MA2
E
12/20/13
8MA2, 8-pad 2 x 3 x 0.6mm Body, Thermally
Enhanced Plastic Ultra Thin Dual Flat No-Lead
Package (UDFN)
YNZ
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
0.50
0.55
0.60
A1
0.0
0.02
0.05
A2
-
-
0.55
D
1.90
2.00
2.10
D1
1.20
-
1.60
E
2.90
3.00
3.10
E1
1.20
-
1.60
b
0.18
0.25
0.30
3
C
1.52 REF
L
0.30
0.35
0.40
e
0.50 BSC
K
0.20
-
-
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Package Drawing Contact:
packagedrawings@atmel.com
C
E
Pin 1 ID
D
8
7
6
5
1
2
3
4
A
A1
A2
D2
E2
e (6x)
L (8x)
b (8x)
Pin#1 ID
K
1
2
3
4
8
7
6
5
Notes:
1. This drawing is for general information only. Refer to
Drawing MO-229, for proper dimensions, tolerances,
datums, etc.
2. The Pin #1 ID is a laser-marked feature on Top View.
3. Dimensions b applies to metallized terminal and is
measured between 0.15 mm and 0.30 mm from the
terminal tip. If the terminal has the optional radius on
the other end of the terminal, the dimension should
not be measured in that radius area.
4. The Pin #1 ID on the Bottom View is an orientation
feature on the thermal pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com