Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRF40200CTR Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF40200CTR
Description  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF40200CTR Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF40200CTR Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF40200CTR Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF40200CTR Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF40200CTR Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF40200CTR Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF40200CTR Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF40200CTR Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0859, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF40200CTR
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
F
= Package type
40
= Forward Current (40A)
200
= Reverse Voltage (200V)
CTR
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBRF40200CTR
ITO-220AB
(Pb-Free)
50pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward
Current
IF(AV)
50% duty cycle @TC =105°C,
rectangular wave form
40
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
396
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com