Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MUR620AX Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR620AX
Description  ULTRAFAST RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR620AX Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MUR620AX Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR620AX Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR620AX Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR620AX Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR620AX Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green products
Data Sheet N0141, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MUR620AX
Marking Diagram:
Where XXXXX is YYWWL
MUR
= Device Type
6
= Forward Current (6A)
20
= Reverse Voltage (200V)
AX
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MUR620AX
DO-201AD
(Pb-Free)
1250pcs / tape
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape
and Reel Packaging Specification.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com