Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELJRE1N5DF2 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ELJRE1N5DF2
Description  Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE1N5DF2 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ELJRE1N5DF2 Datasheet HTML 5Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 6Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 7Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 8Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 9Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 10Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 11Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 12Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Chip Inductors
High Power Types PC, PA
s Examples: Type 2520 (1008) PC
s Examples: Type 3225 (1210) PA
Part No.
µH
Tolerance
Q
Inductance
L, Q
Test–Frequency
MHz
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
ELJPA1R0MF
1.0
150
0.15
600
ELJPA1R5MF
1.5
110
0.18
550
ELJPA2R2MF
2.2
80
0.23
500
ELJPA3R3MF
3.3
58
0.28
400
ELJPA4R7MF
4.7
46
0.34
350
ELJPA6R8MF
6.8
38
0.42
300
ELJPA100KF
10
23
0.50
240
ELJPA120KF
12
21
0.60
230
ELJPA150KF
15
18
0.74
220
ELJPA180KF
18
17
0.90
205
ELJPA220KF
22
15
1.15
185
ELJPA270KF
27
13
1.45
165
ELJPA330KF
33
12
1.65
155
ELJPA390KF
39
11
1.90
145
ELJPA470KF
47
9.5
2.25
135
ELJPA560KF
56
8.5
3.30
110
ELJPA680KF
68
7.5
3.70
105
ELJPA820KF
82
7.0
4.20
100
ELJPA101KF
100
6.5
5.00
90
ELJPA121KF
120
6.0
7.00
75
ELJPA151KF
150
5.5
8.00
70
ELJPA181KF
180
5.0
9.50
65
ELJPA221KF
220
4.0
11.0
60
ELJPA271KF
270
3.5
14.5
55
ELJPA331KF
330
3.0
16.0
50
*Self-Resonant Frequency ** DC Resistance
±20%
7
15
±10%
7.96
2.52
20
0.796
Part No.
µH
Tolerance
Q
min.
Inductance
L, Q
Test–Frequency
MHz
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
ELJPC1R0MF
1.0
95
0.45
475
ELJPC1R5MF
1.5
85
0.55
435
ELJPC2R2MF
2.2
65
0.65
390
ELJPC3R3MF
3.3
55
0.85
340
ELJPC4R7MF
4.7
43
1.2
285
ELJPC6R8KF2
6.8
39
1.3
275
ELJPC100KF
10.0
32
2.2
210
ELJPC120KF
12.0
25
2.7
195
ELJPC150KF
15.0
21
3.2
175
ELJPC220KF
22.0
18
4.0
160
ELJPC330KF
33.0
16
6.5
120
*Self-Resonant Frequency ** DC Resistance
±20%
10
8
20
±10%
7.96
2.52
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com