Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB321 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB321
Description  Page Program Operation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB321_14 Datasheet HTML 1Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 2Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 3Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 4Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 5Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 6Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 7Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 8Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
32-megabit
2.7-volt Only
Serial
DataFlash®
AT45DB321
Recommend using
AT45DB321B for new
designs.
Features
• Single 2.7V - 3.6V Supply
• Serial-interface Architecture
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 8192 Pages (528 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming of
Nonvolatile Memory
• Internal Program and Control Timer
• Fast Page Program Time – 7 ms Typical
• 120 µs Typical Page to Buffer Transfer Time
• Low-power Dissipation
– 4 mA Active Read Current Typical
– 3 µA CMOS Standby Current Typical
• 13 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges
Description
The AT45DB321 is a 2.7-volt only, serial-interface Flash memory suitable for in-sys-
tem reprogramming. Its 34,603,008 bits of memory are organized as 8192 pages of
528 bytes each. In addition to the main memory, the AT45DB321 also contains two
SRAM data buffers of 528 bytes each. The buffers allow receiving of data while a
page in the main memory is being reprogrammed. Unlike conventional Flash memo-
Rev. 1121E–01/01
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Clock
SI
Serial Input
SO
Serial Output
WP
Hardware Page
Write Protect Pin
RESET
Chip Reset
RDY/BUSY
Ready/Busy
(continued)
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RDY/BUSY
RESET
WP
NC
NC
NC
VCC
GND
NC
NC
NC
NC
CS
SCK
SI
SO
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
CBGA Top View Through Package
A
B
C
D
E
F
G
H
J
1
2345
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC
WP
RESET
NC
NC
NC
NC
NC
NC
GND
RDY/BSY
SI
NC
NC
NC
NC
NC
NC
SCK
CS
SO
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
AT45DB321
Preliminary 16-
Megabit 2.7-volt
Only Serial
DataFlash


Similar Part No. - AT45DB321_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321-CC ATMEL-AT45DB321-CC Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321-CI ATMEL-AT45DB321-CI Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321-TC ATMEL-AT45DB321-TC Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321-TI ATMEL-AT45DB321-TI Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
More results

Similar Description - AT45DB321_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256_14 Datasheet
301Kb / 17P
Automatic Page Write Operation
AT28C010 ATMEL-AT28C010_14 Datasheet
476Kb / 17P
Automatic Page Write Operation
AT28C040 ATMEL-AT28C040_14 Datasheet
385Kb / 15P
Automatic Page Write Operation
AT28C64B ATMEL-AT28C64B_14 Datasheet
313Kb / 18P
Automatic Page Write Operation
AT28C256 ATMEL-AT28C256_14 Datasheet
665Kb / 25P
Automatic Page Write Operation
AT28HC64B ATMEL-AT28HC64B_14 Datasheet
394Kb / 17P
Automatic Page Write Operation
AT45D011 ATMEL-AT45D011_14 Datasheet
277Kb / 21P
Page Program Operation
AT28HC64BF ATMEL-AT28HC64BF_14 Datasheet
373Kb / 16P
Automatic Page Write Operation
AT28HC256N ATMEL-AT28HC256N_14 Datasheet
243Kb / 13P
Automatic Page Write Operation
AT28C010-12DK ATMEL-AT28C010-12DK_14 Datasheet
361Kb / 19P
Automatic Page Write Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com