Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF750LVC Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATF750LVC
Description  Product Term or Direct Input Pin Clocking
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATF750LVC_14 Datasheet HTML 8Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 9Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 10Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 11Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 12Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 13Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 14Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 15Page - ATMEL Corporation ATF750LVC_14 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
1447F–PLD–11/08
ATF750LVC
ATF750LVC OUTPUT SOURCE CURRENT
VS. OUTPUT VOLTAGE (TA = 25
oC)
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
3.3
4
4.5
5
VOH (V)
ioh@vcc=3.3V
ioh@Vcc=5.0V
ATF750LVC SUPPLY CURRENT
VS. INPUT FREQUENCY (TA = 25
oC)
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
0
5
10
15
20
50
75
100
Frequency (MHz)
AT VCC=3.3V
At VCC=5.0V
ATF750LVC OUTPUT SINK CURRENT VS.
OUTPUT VOLTAGE (TA = 25
oC)
0
20
40
60
80
100
120
140
0
0.2
0.51
1.52
2.53
3.34
4.55
VOL (V)
Iol AT Vcc=3.3V
IOL at VCC=5.0V
NORMALIZED SUPPLY CURRENT
OVER TEMPERATURE (AT VCC = 3.3V & 5.0V)
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
-40
0
25
75
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com