Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMPS8599 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HMPS8599
Description  PNP SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMPS8599 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HMPS8599 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HMPS8599 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HMPS8599 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HMPS8599 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6319-B
Issued Date : 1996.07.18
Revised Date : 2000.10.01
Page No. : 1/4
HSMC Product Specification
HMPS8599
PNP SILICON TRANSISTOR
Description
HMPS8599 is designed for general purpose amplifier applications.
Features
• Low Collector-Emitter Saturation Voltage
• HMPS8599 is complementary to HMPS8099
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +125
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ....................................................................................... -80 V
VCES Collector to Emitter Voltage..................................................................................... -80 V
VEBO Emitter to Base Voltage ............................................................................................ -5 V
IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA, IE=0
BVCEO
-80
-
-
V
IC=-10mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-80V, IE=0
IEBO
-
-
-100
nA
VEB=-4V, IC=0
ICEO
-
-
-100
nA
VCE=-60V, IB=0
*hFE1
100
-
300
IC=-1mA, VCE=-5V
*hFE2
100
-
-
IC=-10mA, VCE=-5V
*hFE3
75
-
-
IC=-100mA, VCE=-5V
*VCE(sat)1
-
-
-0.4
V
IC=-100mA, IB=-5mA
*VCE(sat)2
-
-
-0.3
V
IC=-100mA, IB=-10mA
VBE(on)
-0.6
-
-0.8
V
IC=-10mA, VCE=-5V
fT
150
-
-
MHz
VCE=-5V, IC=-10mA, f=100MHz
Cob
-
-
8
PF
VCB=-5V, IE=0, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HMPS8599

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HMPS8099 HSMC-HMPS8099 Datasheet
39Kb / 4P
NPN SILICON TRANSISTOR
logo
BOWEI Integrated Circui...
HMPS80L-10M BOWEI-HMPS80L-10M Datasheet
87Kb / 1P
Connectorized fixed frequency Synthesizer
HMPS830L-10M BOWEI-HMPS830L-10M Datasheet
87Kb / 1P
Connectorized fixed frequency Synthesizer
HMPS830MT-IT BOWEI-HMPS830MT-IT Datasheet
84Kb / 1P
Connectorized fixed frequency Synthesizer with Crystal Oscillator
More results

Similar Description - HMPS8599

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com