Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT10XXL-AB3-C-R Datasheet(PDF) 6 Page - E-Tech Electronics LTD

Part # UT10XXL-AB3-C-R
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UT10XXL-AB3-C-R Datasheet(HTML) 6 Page - E-Tech Electronics LTD

Back Button UT10XXL-AB3-C-R Datasheet HTML 2Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 3Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 4Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 5Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 6Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 7Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 8Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 9Page - E-Tech Electronics LTD UT10XXL-AB3-C-R Datasheet HTML 10Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UT10XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-014.E
ELECTRICAL CHARACTRISTICS(Cont.)
FOR UT1033
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=5.5V, IOUT=10mA
±2.4%
3.220
3.3
3.379
V
±5%
3.135
3.3
3.465
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=5.5V, 1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=5.5V
20
30
mA
Current Consumption
ISS
VIN=5.5V, No load
2.5
6.0
μA
Line Regulation
△
VOUT
△
VIN×VOUT
4.5V≤VIN≤12V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
Ta
VIN=5.5V,IOUT=10mA
0°C<Ta<70°C
±0.5
mV/℃
FOR UT1036
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=5.6V, IOUT=10mA
±2.4% 3.513
3.6
3.686
V
±5%
3.420
3.6
3.780
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=5.6V, 1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=5.6V
20
30
mA
Current Consumption
ISS
VIN=5.6V, No load
3.0
7.0
μA
Line Regulation
△
VOUT
VIN ×VOUT
4.6V≤VIN≤12V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
Ta
VIN=5.6V,IOUT=10mA
0°C<Ta<70°C
±0.6
mV/℃
FOR UT1044
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=6.4V, IOUT=10mA
±2.4%
4.294
4.4
4.505
V
±5%
4.180
4.4
4.620
V
Input Voltage
VIN
12
V
Load Regulation
△
VOUT
VIN=6.4V, 1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=6.4V
20
30
mA
Current Consumption
ISS
VIN=6.4V, No load
3.0
7.5
μA
Line Regulation
△
VOUT
△
VIN ×VOUT
5.4V≤VIN≤12V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
Ta
VIN=6.4V, IOUT=10mA
0°C<Ta<70°C
±0.7
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com