Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL062 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TL062
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TL062 Datasheet HTML 5Page - STMicroelectronics TL062 Datasheet HTML 6Page - STMicroelectronics TL062 Datasheet HTML 7Page - STMicroelectronics TL062 Datasheet HTML 8Page - STMicroelectronics TL062 Datasheet HTML 9Page - STMicroelectronics TL062 Datasheet HTML 10Page - STMicroelectronics TL062 Datasheet HTML 11Page - STMicroelectronics TL062 Datasheet HTML 12Page - STMicroelectronics TL062 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TL062, TL062A, TL062B
Electrical characteristics
Doc ID 2294 Rev 4
9/15
Parameter measurement information
Figure 14.
Voltage follower large signal pulse
response
Figure 15.
Output voltage versus elapsed time
Figure 16.
Equivalent input noise voltage versus frequency
6
4
2
0
-2
-4
02
4
6
8
10
-6
V
CC = +/- 15 V
Time (
μs)
R
L = 10 kΩ
T
amb = + 25 °C
C
L = 100 pF
Input
Output
28
24
20
16
12
8
4
0
-4
0
0.2
0.4
0.6
0.8
1
12
14
V
CC = +/- 15 V
Time (
μs)
R
L = 10 kΩ
T
amb = + 25 °C
Overshoot
t
r
10%
90%
70
60
50
40
30
20
10
0
10
40
100
400 1k
4k
10k
40k 100k
80
90
100
V
CC = +/- 15 V
R
S = 100 Ω
T
amb = + 25 °C
Frequency (Hz)
Figure 17.
Voltage follower
Figure 18.
Gain of 10 inverting amplifier
-
eI
TL062
eo
1/2
R
L = 10 kΩ
C
L = 100 pF
-
eI
TL062
R
L
1/2
eo
10 k
Ω
C
L = 100 pF
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com