Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HTL294D Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HTL294D
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HTL294D Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HTL294D Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HTL294D Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HTL294D Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.03.01
Revised Date : 2001.03.29
Page No. : 1/3
HTL294D
HSMC Product Specification
HTL294D
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HTL294D is designed for application that requires high voltage.
Features
• High Breakdown Voltage: 400(Min.) at IC=1mA
• High Current: IC=300mA at 25°C
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................... 1.5 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ..................................................................................... -400 V
VCEO Collector to Emitter Voltage .................................................................................. -400 V
VEBO Emitter to Base Voltage ............................................................................................ -6 V
IC Collector Current ..................................................................................................... -250 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-400
-
-
V
IC=-100uA, IE=0
BVCEO
-400
-
-
V
IC=-1mA, IB=0
BVEBO
-6
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-1
uA
VCB=-400V, IE=0
ICES
-
-
-10
uA
VCE=-400V, IC=0
IEBO
-
-
-0.2
uA
VEB=-6V, VBE=0
*VCE(sat)1
-
-
-300
mV
IC=-10mA, IB=-1mA
*VCE(sat)2
-
-
-500
mV
IC=-50mA, IB=-5mA
*VBE(sat)
-
-
-750
mV
IC=-10mA, IB=-1mA
*hFE1
50
-
-
VCE=-10V, IC=-1mA
*hFE2
60
-
250
VCE=-10V, IC=-20mA
*hFE3
50
-
-
VCE=-10V, IC=-80mA
ft
50
-
-
MHz
VCE=-20V, IE=-10mA, f=1MHz
Cob
-
-
30
pF
VCB=-20V, f=1MHz, IE=0
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HTL294D

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HTL294I HSMC-HTL294I Datasheet
31Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HTL294J HSMC-HTL294J Datasheet
29Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HTL294MD HSMC-HTL294MD Datasheet
34Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HTL294MI HSMC-HTL294MI Datasheet
32Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
HTL294MJ HSMC-HTL294MJ Datasheet
29Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HTL294D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com