Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GL3276 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL3276
Description  Less changes of malfunction associated with a high-frequency lighting fluorscent lamp internal trap circuit.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL3276 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL3276 Datasheet HTML 1Page - Hynix Semiconductor GL3276 Datasheet HTML 2Page - Hynix Semiconductor GL3276 Datasheet HTML 3Page - Hynix Semiconductor GL3276 Datasheet HTML 4Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GL3276A
3
Pin Description
NO.
SYMBOL
PIN FUNCTION
1
VCC1
Power input
3
VCC2
Power output
5
GND
Ground
• Apply a voltage of 5V ¡ ¾10 % to pin 1.
As the power is output to pin 3 through the internal
power filter resistance, connect an electrolytic
capacitor to pin 3.
8
IN +
Input
• With an internal impedance of 110 K§ Ù(typ.) pin 8
can accept a PIN photodiode directly. An automatic
bias level control (ABLC) circuit prevents the input
from being saturated by external light,
assuring bias level stability for the input pin.
7
IN -
Initial amplifier
Gain setup
• Initial amplifier differential inverted output. Its gain
can be set up with an external impedance.
4
fo
BPF
frequency
setup
• The central frequency of the band-pass filter can be
varied with an external resistance. A built-in trap
circuit prevents malfunctions associated with a high-
frequency lighting fluorescent lamp.
6
CD
Detection
capacitor
• Pin to which a detection capacitor is connected.
2
OUT
Output
• Open collector output with pull-up resistance.
Its capability to drive a CMOS or TTL makes for easy
connection with a receiving microcomputer.
The GL3276A has an active low output.
Sample Application Circuits
8 Pin Plastic
SOP
Photo diode
IN +
IN -
CD
GND
GL3276A
VCC1
OUT
VCC2
f0
1
2
3
4
8
7
6
5
Power
supply
Output
47
µF
130 k§ Ù
(R2
)
1500pF
0.01
µF
C1
R1
0 to 1k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com