Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GL6965 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor GL6965 Datasheet HTML 10Page - Hynix Semiconductor GL6965 Datasheet HTML 11Page - Hynix Semiconductor GL6965 Datasheet HTML 12Page - Hynix Semiconductor GL6965 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
GL6965
9
Test Circuit (continued)
7.
R
G ,
R
DR
(at RL=150
Ω; Low Impedance Type Receiver)
l Receiving Gain,
(dB)
l Receiving Dynamic Range:
-p)
at
OUT
V
: DIST= 10%
8.
BP
G
,
BP
DR
l Beep Gain,
|
V
/
V
|
log
20
=
IN
OUT
BP
G
(dB)
l Beep Dynamic Range:
OUT
BP
V
=
DR
(Vp-p)
at
OUT
V
: DIST= 10%
9.
IL
G
(MU)
A
1
L
2
L
1
R
GND
1
L
2
L
R
2
R
0.022
µF
2
T
1
T
L
I
IN
V
V
OUT
V
4.7
µF 510Ω
150
Ω
Insertion is required at oscillation
1
L
2
L
1
R
2
R
L
I
MUTE
V
A
1
L
2
L
IN
V
1
T
2
T
OUT
V
Beep
A
1
L
2
L
1
R
2
R
55nF
MUTE
L
I
0.2V
A
1
L
2
L
IL
I
(MU)
IN
R
IN
T
600Ù
600Ù



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com