Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS30004 Datasheet(PDF) 91 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 91 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 87Page - Hynix Semiconductor GMS30004 Datasheet HTML 88Page - Hynix Semiconductor GMS30004 Datasheet HTML 89Page - Hynix Semiconductor GMS30004 Datasheet HTML 90Page - Hynix Semiconductor GMS30004 Datasheet HTML 91Page - Hynix Semiconductor GMS30004 Datasheet HTML 92Page - Hynix Semiconductor GMS30004 Datasheet HTML 93Page - Hynix Semiconductor GMS30004 Datasheet HTML 94Page - Hynix Semiconductor GMS30004 Datasheet HTML 95Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 158 page
background image
Timing for setting port input register is :
a) When machine cycle of the file <current machine cycle after executing this
command, values shall be set on the port input register until the machine cycle
of the file> current machine cycle while executing the first G or T command.
b) When machine cycle of the file = current machine cycle, setting is made
immediately before the next command is executed.
In case there is a format error in I/O file while simulating, error message shall be
output and the operation is stopped.
In order to execute G or T command again, this mode has to be canceled first.
(Execute SET PI 0 or SET PI 1.)
Default value here is 0.
All the I/O READ commands are read from the port input register.
PORT.DAT format
Machine cycle I Port Name I Data
ã
(I indicates space or tab)
• SET WD x
ã
0 : Watch dog timer shall not be used.
1 : Watch dog timer shall be used. (No option)
Resetting watch dog timer
1) After executing WDTR command
2) After executing STOP command
3) After executing CR command
4) While converting to 0 with R command
5) When the set value is reached.
2 : Watch dog timer shall be used. (With option)
For resetting watch dog timer.
1) When SO command is executed to REMOUT output is added to the
above 1) ~ 5).
Defalut value here is 0.
Chapter 5. Software
5 - 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com