Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3781 Datasheet(PDF) 3 Page - TDK Electronics

Part # B3781
Description  SAW Components SAW filter Short range devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3781 Datasheet(HTML) 3 Page - TDK Electronics

  B3781 Datasheet HTML 1Page - TDK Electronics B3781 Datasheet HTML 2Page - TDK Electronics B3781 Datasheet HTML 3Page - TDK Electronics B3781 Datasheet HTML 4Page - TDK Electronics B3781 Datasheet HTML 5Page - TDK Electronics B3781 Datasheet HTML 6Page - TDK Electronics B3781 Datasheet HTML 7Page - TDK Electronics B3781 Datasheet HTML 8Page - TDK Electronics B3781 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
December 20, 2012
B3781
315.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
315.00
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements
1.8
2.5
dB
excl. loss in matching elements
1.1
2.0
dB
Pass band (relative to
α
min)
314.725 ...
315.275MHz
0.9
3.0
dB
Filter bandwidth
α
rel≤3 dB
0.69
0.76
0.83
MHz
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
294.50 MHz
47
51
dB
294.50 ...
304.50 MHz
42
46
dB
304.50 ...
312.80 MHz
21
28
dB
312.80 ...
313.20 MHz
33
40
dB
313.20 ...
314.30 MHz
6
9
dB
316.00 ...
323.00 MHz
10
14
dB
323.00 ...
335.00 MHz
34
40
dB
335.00 ...
600.00 MHz
43
48
dB
600.00 ... 1000.00 MHz
60
70
dB
1000.00 ... 2500.00 MHz
43
48
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
410 || 2.6
Ω || pF
Output: ZOUT =ROUT || COUT
410 || 2.6
Ω || pF
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Source power
PS
10
dBm
source impedance 50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com