| Electronic Components Datasheet Search |
|
AT80SND2CMP3B Datasheet(PDF) 157 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80SND2CMP3B Datasheet(HTML) 157 Page - ATMEL Corporation |
|
157 / 242 page ![]() 157 4341H–MP3–10/07 AT8xC51SND2C/MP3B 19.1 Description The SPI controller interfaces with the C51 core through three special function registers: SPCON, the SPI control register (see Table 19-2); SPSTA, the SPI status register (see Table 19-3); and SPDAT, the SPI data register (see Table 19-4). 19.1.1 Master Mode The SPI operates in master mode when the MSTR bit in SPCON is set. Figure 19-3 shows the SPI block diagram in master mode. Only a master SPI module can initiate transmissions. Software begins the transmission by writing to SPDAT. Writing to SPDAT writes to the shift register while reading SPDAT reads an intermediate register updated at the end of each transfer. The Byte begins shifting out on the MOSI pin under the control of the bit rate generator. This generator also controls the shift register of the slave peripheral through the SCK output pin. As the Byte shifts out, another Byte shifts in from the slave peripheral on the MISO pin. The Byte is transmitted most significant bit (MSB) first. The end of transfer is signaled by SPIF being set. When the AT8xC51SND2C is the only master on the bus, it can be useful not to use SS# pin and get it back to I/O functionality. This is achieved by setting SSDIS bit in SPCON. Figure 19-3. SPI Master Mode Block Diagram Note: MSTR bit in SPCON is set to select master mode. 19.1.2 Slave Mode The SPI operates in slave mode when the MSTR bit in SPCON is cleared and data has been loaded in SPDAT. Figure 19-4 shows the SPI block diagram in slave mode. In slave mode, before a data transmis- sion occurs, the SS pin of the slave SPI must be asserted to low level. SS must remain low until the transmission of the Byte is complete. In the slave SPI module, data enters the shift register through the MOSI pin under the control of the serial clock provided by the master SPI module on the SCK input pin. When the master starts a transmission, the data in the shift register begins shifting out on the MISO pin. The end of transfer is signaled by SPIF being set. Bit Rate Generator SPR2:0 SPCON MOSI/P4.1 MISO/P4.0 SCK/P4.2 CPOL SPCON.3 SPEN SPCON.6 CPHA SPCON.2 PER CLOCK 8-bit Shift Register SPDAT WR I Q SPDAT RD Control and Clock Logic MODF SPSTA.4 SS#/P4.3 SSDIS SPCON.5 WCOL SPSTA.6 SPIF SPSTA.7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |