Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89SND2CMP3B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89SND2CMP3B_14 Datasheet HTML 17Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 18Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 19Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 20Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 21Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 22Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 23Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 24Page - ATMEL Corporation AT89SND2CMP3B_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 242 page
background image
21
4341H–MP3–10/07
AT8xC51SND2C/MP3B
6.4.2
Hardware Condition Boot Mapping
The hardware condition is based on the ISP pin. When driving this pin to low level, the chip reset
sets ENBOOT and forces the reset vector to F000h instead of 0000h in order to execute the
boot loader software.
As shown in Figure 6-4 the hardware condition always allows in-system recovery when user’s
memory has been corrupted.
6.4.3
Programmed Condition Boot Mapping
The programmed condition is based on the Boot Loader Jump Bit (BLJB) in HSB. As shown in
Figure 6-4 when this bit is programmed (by hardware or software programming mode), the chip
reset set ENBOOT and forces the reset vector to F000h instead of 0000h, in order to execute
the boot loader software.
Figure 6-4.
Hardware Boot Process Algorithm
The software process (boot loader) is detailed in the “Boot Loader Datasheet” Document.
6.5
Preventing Flash Corruption
See Section “Reset Recommendation to Prevent Flash Corruption”, page 48.
Atmel’s
Boot Loader
Hard Cond?
ISP = L?
RESET
Hard Cond Init
ENBOOT = 1
PC = F000h
FCON = 00h
Prog Cond?
BLJB = P?
Standard Init
ENBOOT = 0
PC = 0000h
FCON = F0h
Prog Cond Init
ENBOOT = 1
PC = F000h
FCON = F0h
User’s
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com