Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS99C58-PL Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # GMS99C58-PL
Description  32K FLASH EMBEDDED 8-Bit MCU
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS99C58-PL Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button GMS99C58-PL Datasheet HTML 4Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 5Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 6Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 7Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 8Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 9Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 10Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 11Page - Hynix Semiconductor GMS99C58-PL Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ðýçýð
9HUýìïíë
+<81'$,
*06ää&èåý
ìïçý3,1ý'(),1,7,216ý$1'ý)81&7,216
6\PERO
3LQý1XPEHU
,QSXWî
2XWSXW
)XQFWLRQ
ééð
3/&&
éíð
3',3
ééð
04)3
3ìïíð3ìïæ
ëðä
ë
ê
ìðå
ì
ë
éíðééñý
ìðê
éí
éì
,î2
3RUWýìãý3RUWìýLVýDQýåðELWýELGLUHFWLRQDOý,î2ýSRUWýZLWK
LQWHUQDOýSXOOXSVïý7KHý3RUWýìýRXWSXWýEXIIHUVýFDQýGULYH
/6ý77/ýLQSXWVïýý3RUWýìýSLQVýWKDWýKDYHý¨ì©ýýZULWWHQýWR
WKHPýDUHýSXOOHGýKLJKýE\ýWKHýLQWHUQDOýSXOOXSVñýDQGýLQ
WKDWýVWDWHýFDQýEHýXVHGýDVýLQSXWVïýý$VýLQSXWVñý3RUWýì
SLQVýWKDWýDUHýH[WHUQDOO\ýSXOOHGýORZýZLOOýVRXUFHýFXUUHQW
õ,,/ñýRQýWKHýGDWDýVKHHWôýEHFDXVHýRIýWKHýLQWHUQDOýSXOOð
XSVïý ,Qý DGGLWLRQñý 3RUWý ìý VHUYHVý WKHý IXQFWLRQVý RIý WKH
IROORZLQJ
3ìïíýãý7ëýõ([WHUQDOý&RXQWý,QSXWýWRý7LPHUîý&RXQWHUýëôñ
ýýýýýýýýýýý&ORFNð2XW
3ìïìýãý7ë(;ýõ7LPHUî&RXQWHUýëý&DSWXUHîý5HORDG
ýýýýýýýýýýý7ULJJHUýDQGý'LUHFWLRQý&RQWURO
3RUWýìýUHFHLYHVýWKHýORZðRUGHUýDGGUHVVýE\WHVýGXULQJ
)ODVKýSURJUDPPLQJýDQGýYHULI\LQJï
3êïíð3êïæ
ììñ
ìêðìä
ìì
ìê
ìé
ìè
ìç
ìæ
ìå
ìä
ìíðìæ
ìí
ìì
ìë
ìê
ìé
ìè
ìç
ìæ
èñýæðìê
è
æ
å
ä
ìí
ìì
ìë
ìê
,î2
3RUWýêýãý3RUWýêýLVýDQýåðELWýELGLUHFWLRQDOý,î2ýSRUWýZLWK
LQWHUQDOýSXOOXSVïýý7KHý3RUWýêýRXWSXWýEXIIHUVýFDQýGULYH
/6ý77/ýLQSXWVïýý3RUWýêýSLQVýWKDWýKDYHý¨ì©ýZULWWHQýWR
WKHPýDUHýSXOOHGýKLJKýE\ýWKHýLQWHUQDOýSXOOXSVñýDQGýLQ
WKDWýVWDWHýFDQýEHýXVHGýDVýLQSXWVïýý$VýLQSXWVñý3RUWýê
SLQVýWKDWýDUHýH[WHUQDOO\ýSXOOHGýORZýZLOOýVRXUFHýFXUUHQW
õ,,/ñýRQýWKHýGDWDýVKHHWôýEHFDXVHýRIýWKHýSXOOXSVï
3RUWýêýDOVRýVHUYHVýWKHýIXQFWLRQVýRIýYDULRXVýVSHFLDO
IHDWXUHVýRIýWKHýåíèìý)DPLO\ñýDVýOLVWHGýEHORZã
3êïíýãý5;'õVHULDOýLQSXWýSRUWô
3êïìýãý7;'õVHULDOýRXWSXWýSRUWô
3êïëýãý,17íõH[WHUQDOýLQWHUUXSWýíô
3êïêýãý,17ìõH[WHUQDOýLQWHUUXSWýìô
3êïéýãý7íõ7LPHUýíýH[WHUQDOýLQSXWôý÷ýDOVRýUHFHLYHVýWKH
ýýýýýýýýýýý06%ýDGGUHVVýE\WHýGXULQJýIODVKýSURJUDPñý
ýýýýýýýýýýýYHULI\ñýDQGýHUDVHýPHPRU\ýDOJRULWKP
3êïèýãý7ìõ7LPHUýìýH[WHUQDOýLQSXWô
3êïçýãý:5õH[WHUQDOýGDWDýPHPRU\ýZULWHýVWUREHô
3êïæýã5'õH[WHUQDOýGDWDýPHPRU\ýUHDGýVWUREHô
;7$/ë
ëí
ìå
ìé
2
;7$/ë
2XWSXWýRIýWKHýLQYHUWLQJýRVFLOODWRUýDPSOLILHUï
;7$/ì
ëì
ìä
ìè
,
;7$/ìýãý,QSXWýWRýWKHýLQYHUWLQJýRVFLOODWRUýDPSOLILHUï



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com