Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATAM894 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATAM894
Description  Read Protection for the EEPROM Program Memory
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATAM894_14 Datasheet HTML 33Page - ATMEL Corporation ATAM894_14 Datasheet HTML 34Page - ATMEL Corporation ATAM894_14 Datasheet HTML 35Page - ATMEL Corporation ATAM894_14 Datasheet HTML 36Page - ATMEL Corporation ATAM894_14 Datasheet HTML 37Page - ATMEL Corporation ATAM894_14 Datasheet HTML 38Page - ATMEL Corporation ATAM894_14 Datasheet HTML 39Page - ATMEL Corporation ATAM894_14 Datasheet HTML 40Page - ATMEL Corporation ATAM894_14 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
37
4679D–4BMCU–05/05
ATAM894
6.3.2.2
Timer 2 Modes
Mode 1: 12-bit Compare Counter
The 4-bit stage and the 8-bit stage work together as a 12-bit compare counter. A compare match
signal of the 4-bit and the 8-bit stage generates the signal for the counter reset, toggle flip-flop or
interrupt. The compare action is programmable via the compare mode register (T2CM). The
4-bit counter overflow (OVF1) supplies the clock output (POUT) with clocks. The duty cycle gen-
erator (DCG) has to be bypassed in this mode.
Figure 6-11.
12-bit Compare Counter
Mode 2: 8-bit Compare Counter with 4-bit Programmable Prescaler
The 4-bit stage is used as a programmable prescaler for the 8-bit counter stage. In this mode, a
duty cycle stage is also available. This stage can be used as an additional 2-bit prescaler or for
generating duty cycles of 25%, 33% and 50%. The 4-bit compare output (CM1) supplies the
clock output (POUT) with clocks.
Figure 6-12.
8-bit Compare Counter
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT (CL2/1 /16)
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM-bit
T2IM
T2CTM
TOG2
INT4
CL2/1
DCG
T2D1, 0
DCGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com