Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM8513AP Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 16Page - Hynix Semiconductor HDM8513AP Datasheet HTML 17Page - Hynix Semiconductor HDM8513AP Datasheet HTML 18Page - Hynix Semiconductor HDM8513AP Datasheet HTML 19Page - Hynix Semiconductor HDM8513AP Datasheet HTML 20Page - Hynix Semiconductor HDM8513AP Datasheet HTML 21Page - Hynix Semiconductor HDM8513AP Datasheet HTML 22Page - Hynix Semiconductor HDM8513AP Datasheet HTML 23Page - Hynix Semiconductor HDM8513AP Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
20
3.2 Variable Rate Demodulator
The block diagram illustrates the overall configuration of the variable rate QPSK demodulator.
Baseband in-phase (I) and quadrature (Q) inputs are applied to the demodulator at a fixed sampling
rate. These digital samples are produced by A/D converters which employ AC coupling to minimize
DC offset.
Complex
Multiplier
Polyphase
Filters
I
Q
6
6
Narrowband
AGC
s
s
Symbol
Timing
Discriminator
Symbol
Tracking
Loop Filter
Phase
Accumulator
Sine
Cosine
Digital
Oscillator
Carrier
Tracking
Loop Filter
Nominal Carrier
Frequency
Carrier
Phase
Discriminator
Symbol Clock
I
Q
o
o
Lock
Detector
Lock
Sweep
Control
FIGURE 15: DEMODULATOR BLOCK DIAGRAM
The carrier frequency error associated with these samples is removed digitally during tracking
operations by a complex multiplier and a digitally controlled oscillator, sometimes called a
numerically controlled oscillator (NCO). During initial acquisition, coarse frequency error is
removed by a combination of the digital AGC within the HDM8513A and external analog tuning
circuits.
A polyphase filter performs the root raised cosine filtering of the frequency corrected baseband
samples. This filter, which implements the function of equation (1), is always configured to have an
impulse response duration of 4 symbols regardless of the programmed symbol rate. For low
symbol rates, a large number of samples are used, while for high symbol rates a relatively low
number of samples are processed for each filter output. The outputs of the polyphase filters are
applied to a digital narrowband AGC which insures that the signal is optimally scaled to the Viterbi
decoder to an accuracy of + or - 0.5 dB to insure optimum FEC performance.
y[k] =
Σ h[n] x[k-n]
(1)
In addition to optimizing performance of the Viterbi decoder, the digital narrowband AGC also
insures that the performance of the symbol timing and carrier tracking loops is independent of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com