Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDM8513AT Datasheet(PDF) 56 Page - Hynix Semiconductor

Part # HDM8513AT
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AT Datasheet(HTML) 56 Page - Hynix Semiconductor

Back Button HDM8513AT Datasheet HTML 52Page - Hynix Semiconductor HDM8513AT Datasheet HTML 53Page - Hynix Semiconductor HDM8513AT Datasheet HTML 54Page - Hynix Semiconductor HDM8513AT Datasheet HTML 55Page - Hynix Semiconductor HDM8513AT Datasheet HTML 56Page - Hynix Semiconductor HDM8513AT Datasheet HTML 57Page - Hynix Semiconductor HDM8513AT Datasheet HTML 58Page - Hynix Semiconductor HDM8513AT Datasheet HTML 59Page - Hynix Semiconductor HDM8513AT Datasheet HTML 60Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
56
0B
In-Phase
The eight bit output of the In-phase baseband filter is available at this
location. This data is updated once per symbol.
0C
Quadrature
The eight bit output of the quadrature baseband filter is available at this
location. This data is updated once per symbol.
0D
Noise Power
This eight bit output provides a measure of the noise component of the
signal when QPSK lock is achieved. Higher numbers correspond to lower
signal-to-noise ratio conditions. The quality of this metric is improved if
the narrowband AGC is disabled for a minimum of 1000 symbol periods
before this parameter is read.
0E, 0F
BER Calculator
The current value of the 16bit BER is used to monitor the signal quality or
estimate the SNR of incoming signal at the output of Viterbi. Bit 7 of
address 0E is the MSB and bit 0 of address 0F is the LSB. It represents
the number of errors among 2
20 data bits.
16,17,18
Signal Quality
This 24 bit signal provides a measure of quality of the signal processed by
the Viterbi decoder. This parameter can be used to infer bit error rate and
input signal-to-noise ratio for signals which are within a few dB of threshold.
Bit 7 of address 16 is the MSB and bit 0 of address 18 is the LSB.
The specific definition of this signal for each coding rate is TBD.
19
Viterbi Rate
This three bit number represents the code rate of the Viterbi decoder.
Rate 1/2
0
Rate 2/3
1
Rate 3/4
2
Rate 5/6
3
Rate 7/8
4
1A
Reed Solomon Errors
The four bit number at this location indicates the number of errors
corrected in the most current block of 188 bytes. This number may range
from 0 to 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com