Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMS81032E Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMS81032E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032E Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMS81032E Datasheet HTML 1Page - Hynix Semiconductor HMS81032E Datasheet HTML 2Page - Hynix Semiconductor HMS81032E Datasheet HTML 3Page - Hynix Semiconductor HMS81032E Datasheet HTML 4Page - Hynix Semiconductor HMS81032E Datasheet HTML 5Page - Hynix Semiconductor HMS81032E Datasheet HTML 6Page - Hynix Semiconductor HMS81032E Datasheet HTML 7Page - Hynix Semiconductor HMS81032E Datasheet HTML 8Page - Hynix Semiconductor HMS81032E Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
Table of Contents
1. OVERVIEW ...........................................1
Description .........................................................1
Features .............................................................1
Development Tools ............................................ 2
2. BLOCK DIAGRAM
..............................3
3. PIN ASSIGNMENT (Top View) ........... 4
4. PACKAGE DIMENSION .......................5
5. PIN FUNCTION .....................................8
6. PORT STRUCTURES .........................10
7. ELECTRICAL CHARACTERISTICS ...12
Absolute Maximum Ratings .............................12
Recommended Operating Conditions ..............12
DC Electrical Characteristics ............................12
REMOUT Port Ioh Characteristics Graph ........13
REMOUT Port Iol Characteristics Graph .........14
AC Characteristics ...........................................14
8. MEMORY ORGANIZATION ................16
Registers ..........................................................16
Program Memory .............................................19
Data Memory ....................................................22
List for Control Registers.................................. 23
Addressing Mode .............................................25
9. I/O PORTS ..........................................30
R0 Ports ........................................................... 30
R1 Ports ...........................................................30
R2 Port .............................................................32
10. CLOCK GENERATOR ......................33
Oscillation Circuit .......................................... 34
11. BASIC INTERVAL TIMER ................36
12. WATCH DOG TIMER .......................38
13. Timer0, Timer1, Timer2 ....................39
14. INTERRUPTS ...................................47
Interrupt priority and sources ........................ 48
Interrupt control register ................................ 48
Interrupt accept mode ................................... 49
Interrupt Sequence ........................................ 50
BRK Interrupt ................................................ 52
Multi Interrupt ................................................ 52
External Interrupt ........................................... 52
Key Scan Input Processing ........................... 53
15.STANDBY FUNCTION ......................55
Sleep Mode .................................................... 55
STOP MODE .................................................. 55
STANDBY MODE RELEASE ......................... 56
RELEASE OPERATION OF STANDBYMODE58
16. RESET FUNCTION ..........................60
EXTERNAL RESET ...................................... 60
POWER ON RESET ..................................... 60
Low Voltage Detection Mode ........................ 62
A. MASK ORDER SHEET ........................ i
B. INSTRUCTION .................................... ii
Terminology List ...............................................ii
Instruction Map ................................................. iii
Instruction Set ..................................................iv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com