Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMS97C8032 Datasheet(PDF) 77 Page - Hynix Semiconductor

Part # HMS97C8032
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS97C8032 Datasheet(HTML) 77 Page - Hynix Semiconductor

Back Button HMS97C8032 Datasheet HTML 73Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 74Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 75Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 76Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 77Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 78Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 79Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 80Page - Hynix Semiconductor HMS97C8032 Datasheet HTML 81Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
HMS91C8032/97C8032
74
NOV., 2001 Ver 1.02
Example) FMIFC : 10.7 MHz
Gate Time : 32 ms
N = (FFMIFC / 4) x TGATE = (10.7MHz/4) x 32ms
= 85600 (decimal) = 14E60H (hexadecimal)
(2) AMIF count mode (AMIFC pin)
FAMIFC = N / TGATE (KHz)
N : AMIF Count Register Value
Example) AMIFC : 450 MHz
Gate Time : 32 ms
N = FAMIFC x TGATE = 450 KHz x 32ms
= 14400 (decimal) = 3840H (hexadecimal)
Notes on Frequency Counter
(1) Notes on using frequency counter
Because signals are input to the frequency counter from an input
pin (FMIFC or AMIFC pin) with an AC amplifier as shown in
Figure 4-34Because signals are input to the frequency counter
Figure 4-32 Input Pin and Mode Selection Block Diagram
Figure 4-33 Gate Timing of Frequency Counter
FMIFC
AMIFC
AMP
1/4
IF Counter
Register
FMIF Counter Mode
AMIF Counter Mode
AMP
8ms
32ms
128ms
Counting starts
Sets IFCST
Clears IFCST
Sets IFCJR
Clears IFCJR if IFCMOD is read or
IF counter interrupt service routine is started.
Internal
250Hz
8ms
32ms
128ms
IFCST
IFCJR
{
(8/32/128ms)
(8/32/128ms)
Counting ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com