Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC9707 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 14Page - Hynix Semiconductor STAC9707 Datasheet HTML 15Page - Hynix Semiconductor STAC9707 Datasheet HTML 16Page - Hynix Semiconductor STAC9707 Datasheet HTML 17Page - Hynix Semiconductor STAC9707 Datasheet HTML 18Page - Hynix Semiconductor STAC9707 Datasheet HTML 19Page - Hynix Semiconductor STAC9707 Datasheet HTML 20Page - Hynix Semiconductor STAC9707 Datasheet HTML 21Page - Hynix Semiconductor STAC9707 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
18
10/02/98
Figure 9: Start of an Audio Input Frame
SYNC
BIT_CLK
SDATA_IN
STAC9704 samples first SDATA_OUT bit of frame here
STAC9704 samples SYNC assertion here
Codec
Ready
slot1
slot2
End of previous audio frame
SDATA_IN's composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0's by STAC9704/7. SDATA_IN data is sampled on
the falling edges of BIT_CLK.
3.1.2.1 Slot 1: Status Address Port
The status port is used to monitor status for STAC9704/7 functions including, but not limited
to, mixer settings, and power management.
Audio input frame slot 1’s stream echoes the control register index, for historical reference,
for the data to be returned in slot 2. (Assuming that slots 1 and 2 had been tagged “valid” by
STAC9704/7 during slot 0)
Status Address Port hit assignments:
Bit (19)
RESERVED
(Stuffed with 0)
Bit (18;12) Control Register Index
(Echo of register index for which data is being returned)
Bit (11:0)
RESERVED
(Stuffed with 0's)
The first bit (MSB) generated by STAC9704/7 is always stuffed with a 0. The following 7 bit
positions communicate the associated control register address, and the trailing 12 bit positions
are stuffed with 0's by STAC9704/7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com