Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1567 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1567
Description  Differential Output Video Dot Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1567 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1567 Datasheet HTML 1Page - Integrated Circuit Systems ICS1567 Datasheet HTML 2Page - Integrated Circuit Systems ICS1567 Datasheet HTML 3Page - Integrated Circuit Systems ICS1567 Datasheet HTML 4Page - Integrated Circuit Systems ICS1567 Datasheet HTML 5Page - Integrated Circuit Systems ICS1567 Datasheet HTML 6Page - Integrated Circuit Systems ICS1567 Datasheet HTML 7Page - Integrated Circuit Systems ICS1567 Datasheet HTML 8Page - Integrated Circuit Systems ICS1567 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
ICS1567
Differential Output Video Dot Clock Generator
General Description
The ICS1567 is a very high performance monolithic PLL
frequency synthesizer. Utilizing ICS’s advanced CMOS
mixed-mode technology, the ICS1567 provides a low cost
solution for high-end video clock generation, and for telecom
system clock generation.
The ICS1567 has differential video clock outputs (CLK and
CLK) that are compatible with industry standard video DACs
& RAMDACs. An additional clock output, LD, is provided,
whose frequency is divided down from the main clock by a
programmable divider.
Operating frequencies are selectable from a pre-programmed
(customer-defined) table. An on-chip crystal oscillator for gen-
erating the reference frequency is provided on the ICS1567.
Programming of the ICS1567 is accomplished via frequency
select pins on the package. The ICS1567 has five lines plus a
STROBE pin which permits selection of 32 frequencies. Reset
of the pipeline delay on Brooktree RAMDACs is automatically
performed on a rising edge of the STROBE line.
Features
•• High frequency operation for extended video modes - up
to 180 MHz
•• Compatible with Brooktree high performance RAMDACs
a)
Differential output clocks with ECL logic levels
b) Programmable divider modulus for load clock
c)
Circuitry included for automatic reset of Brooktree
RAMDAC pipeline delay
•• Low cost - eliminates need for multiple ECL crystal clock
oscillators in video display systems
•• Strobed/Transparent frequency select options
•• 32-user selected mask-programmable frequencies
•• Fast acquisition of selected frequencies, strobed or non-
strobed
•• Advanced PLL for low phase-jitter
•• Dynamic control of VCO sensitivity providing optimized
loop gain over entire frequency range
•• Small footprint - 16-pin wide body (300 mil) SOIC
FS0
1
16
FS1
XTAL1
2
15
FS2
XTAL2
3
14
FS3
STROBE
4
13
VDD
VSS
5
12
VDDO
VSS
6
11
VDDO
LD
7
10
CLK
FS4
8
9
CLK
Pin Configuration
ICS1567RevB090894
Applications
•• Workstations
•• High-resolution PC and MAC displays
•• 8514A - TMS340X0 systems
•• EGA - VGA - Super VGA video
•• Telecom reference clock generation - suitable for Sonet,
ATM and other data rates up to 155.52Mb.
16-Pin SOIC


Similar Part No. - ICS1567

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-001 RENESAS-ICS1562BM-001 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS1562BM-201 RENESAS-ICS1562BM-201 Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
logo
Integrated Circuit Syst...
ICS1562BM-XXX ICST-ICS1562BM-XXX Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
More results

Similar Description - ICS1567

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
Multi-Output Clock Generator
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com