Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1893 Datasheet(PDF) 57 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 57 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 53Page - Integrated Circuit Systems ICS1893 Datasheet HTML 54Page - Integrated Circuit Systems ICS1893 Datasheet HTML 55Page - Integrated Circuit Systems ICS1893 Datasheet HTML 56Page - Integrated Circuit Systems ICS1893 Datasheet HTML 57Page - Integrated Circuit Systems ICS1893 Datasheet HTML 58Page - Integrated Circuit Systems ICS1893 Datasheet HTML 59Page - Integrated Circuit Systems ICS1893 Datasheet HTML 60Page - Integrated Circuit Systems ICS1893 Datasheet HTML 61Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
Chapter 7
Functional Blocks
ICS1893 Rev C 6/6/00
June, 2000
57
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
7.6.2.1
Management Frame Preamble
The ICS1893 continually monitors its serial management interface for either valid data or a Management
Frame (MF) Preamble, based upon the setting of the MF Preamble Suppression bit, 1.6. When the MF
Preamble Suppression is disabled, an ICS1893 waits for a MF Preamble which indicates the start of an
STA transaction. A Management Frame Preamble is a pattern of 32 contiguous logic one bits on the MDIO
pin, along with 32 corresponding clock cycles on the MDC pin.
The ICS1893 supports the Management Frame (MF) Preamble Suppression capability on its Management
Interface, thereby providing a method to shorten the Management Frame and provide an STA with faster
access to the Management Registers.
The ability to process Management Frames that do not have a preamble is provided by the Management
Frame Preamble Suppression bit, (bit 1.6 in the ICS1893’s Status Register). This is an ISO/IEC defined
status bit that is intended to provide an indication of whether or not a PHY supports the MF Preamble
Suppression feature. In order to maintain backward compatibility with the ICS1890, which did not support
MF Preamble Suppression, the ICS1893 MF Preamble Suppression bit is a Command Override Write bit
which defaults to a logic zero. An STA can enable MF Preamble Suppression by writing a logic one to bit
1.6 subsequent to a write of logic one to the Command Override bit, 16.15. For an explanation of the
Command Override Write bits, see Section 8.1.2, “Management Register Bit Access”.
7.6.2.2
Management Frame Start
A valid Management Frame includes a start-of-frame delimiter, SFD, immediately following the preamble.
The SFD bit pattern is 01b and is synchronous with two clock cycles on the MDC pin.
7.6.2.3
Management Frame Operation Code
A valid Management Frame includes an operation code (OP) immediately following the start-of-frame
delimiter. There are two valid operation codes: one for reading from a management register, 10b, and one
for writing to a management register, 01b. The ICS1893 does not respond to the codes 00b and 11b, which
the ISO/IEC specification defines as invalid.
7.6.2.4
Management Frame PHY Address
The two-wire, Serial Management Interface is specified to allow busing (that is, the sharing of the two wires
among multiple PHYs). The Management Frame includes a 5-bit PHY Address field, PHYAD, allowing for
32 unique addresses. An STA uniquely identifies each of the PHYs that share a single serial management
interface by using this 5-bit PHY Address field, PHYAD.
Upon receiving a valid STA transaction, during a power-on or hardware reset an ICS1893 compares the
PHYAD field included within the management frame with the value of its PHYAD bits stored in register 16.
(For information on the PHYAD bits, see Table 8-16.) An ICS1893 responds to all transactions that match
its stored address bits.
7.6.2.5
Management Frame Register Address
A Management Frame includes a 5-bit register address field, REGAD. This field identifies which of the 32
Management Registers are involved in a transaction between an STA and a PHY.
7.6.2.6
Management Frame Operational Code
A management frame includes a 2-bit operational code field, OP. If the operation code is a:
Read, the REGAD field identifies the register used as the source of data returned to the STA by the
ICS1893.
Write, the REGAD identifies the destination register that is to receive the data sent by the STA to the
ICS1893.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com