Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS507-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS507-01
Description  PECL Clock Synthesizer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS507-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS507-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS507-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS507-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS507-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS507-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS507-01/02
PECL Clock Synthesizer
MDS 507 C
5
Revision 042600
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA •95126• (408)295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Package
Temperature
Minimum
Quantities
ICS507M-01
ICS507M-01
16 pin narrow SOIC
0 to 70°C
-
ICS507M-01T
ICS507M-01
16 pin SOIC on tape and reel
0 to 70°C
2500 pieces
ICS507M-01I
ICS507M-01I
16 pin narrow SOIC
-40 to 85°C
-
ICS507M-01IT
ICS507M-01I
16 pin SOIC on tape and reel
-40 to 85°C
2500 pieces
ICS507-01-DSW
-
Probed wafers, cut, on sticky tape
0 to 70°C
1 wafer
ICS507-01-DPK
-
Tested die in waffle pack
0 to 70°C
1000 pieces
ICS507-01-DWF
-
Die on uncut, probed wafers
0 to 70°C
1 wafer
ICS507M-02I
ICS507M-02I
16 pin narrow SOIC
-40 to 85°C
-
ICS507M-02IT
ICS507M-02I
16 pin SOIC on tape and reel
-40 to 85°C
2500 pieces
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
16 pin SOIC narrow
Inch
hes
Millim
meters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSSC
1.27 BSSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
EH
e
A1
C
A
h x 45°
L
INDEX
AREA
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com