Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STOD02PUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STOD02PUR
Description  Dual DC-DC converter for powering AMOLED display
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02PUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STOD02PUR Datasheet HTML 4Page - STMicroelectronics STOD02PUR Datasheet HTML 5Page - STMicroelectronics STOD02PUR Datasheet HTML 6Page - STMicroelectronics STOD02PUR Datasheet HTML 7Page - STMicroelectronics STOD02PUR Datasheet HTML 8Page - STMicroelectronics STOD02PUR Datasheet HTML 9Page - STMicroelectronics STOD02PUR Datasheet HTML 10Page - STMicroelectronics STOD02PUR Datasheet HTML 11Page - STMicroelectronics STOD02PUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STOD02
8/23
Doc ID 15245 Rev 3
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ΔV
O1
Static load regulation (2)
IO1=5 to 100mA, IO2 no load, VINA=2.5V;
TJ=-40°C to 85°C
+ 1
%
IO1=5 to 100mA, IO2 no load, VINA=4.5V;
TJ=-40°C to 85°C
+ 1
ΔV
O1t
Load transient
regulation
IO1=3 to 30mA and IO1=30 to 3mA,
TR=TF=30µs, output voltage variation with
respect to nominal VO1
±30
mV
IO1=10 to 100mA and IO1=100 to 10mA,
TR=TF=30µs, output voltage variation with
respect to nominal VO1
±35
ΔV
O1
Ripple output voltage
range (peak to peak)
IO1=5 to 100mA; 0.5Vpp pulse signal
applied to VI at 200Hz; TDMA Noise
20
mV
IO1
Maximum Step-up
output current
VI=2.9V to 5.5V
150
mA
I-L1MAX
Ipeak current
Vo1 below 10% of nominal value
0.9
A
RDSONP1
TJ = -40 to 85°C
0.8
1.0
Ω
RDSONN1
TJ = -40 to 85°C
0.5
1.0
Ω
Inverting converter section
VO2
Output negative voltage
range
10 different values set by S-wire pin (see
Table 9)
-2.3
-5.9
V
VO2 def.
VO2 default value
Default output voltage
-4.80
-4.9
-5.00
V
VO2 Toll. VO2 tolerance
Output voltage variation with respect to
nominal VO selected
±2
%
ΔVO2
Static line regulation (3)
VINA=2.5V to 4.5V, IO2=5mA, IO1 no load;
TJ=-40°C to 85°C
+ 1
%
VINA=2.5V to 4.5V, IO2=100mA, IO1 no
load, TJ=-40°C to 85°C
+ 1
%
ΔVO1 LT Line transient
VINA=3.5V to 3.0V, IO2=100mA
TJ=-40°C to 85°C, TR=TF=50µs output
voltage variation with respect to nominal
VO2
+30
mV
ΔVO2
Static load regulation (4)
IO2=5 to 100mA, IO1 no load, VINA=2.5V;
TJ=-40°C to 85°C
+ 1
%
IO2=5 to 100mA, IO1 no load, VINA=4.5V;
TJ=-40°C to 85°C
+ 1
ΔVO2t
Load transient
regulation
IO2=3 to 30mA and IO2=30 to 3mA,
TR=TF=30µs, output voltage variation with
respect to nominal VO2
±40
±80
mV
ΔVO2e
Load transient
regulation HC
IO2=10 to 100mA and IO2=100 to 10mA,
TR=TF=30µs
±30
±50
mV
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com