Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STOD2540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 1 Page - STMicroelectronics

  STOD2540 Datasheet HTML 1Page - STMicroelectronics STOD2540 Datasheet HTML 2Page - STMicroelectronics STOD2540 Datasheet HTML 3Page - STMicroelectronics STOD2540 Datasheet HTML 4Page - STMicroelectronics STOD2540 Datasheet HTML 5Page - STMicroelectronics STOD2540 Datasheet HTML 6Page - STMicroelectronics STOD2540 Datasheet HTML 7Page - STMicroelectronics STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
July 2010
Doc ID 12204 Rev 10
1/20
20
STOD2540
PMOLED display power supply
Features
Inductor switches boost controller
PFM mode control
High efficiency over wide range of load (1 mA
to 40 mA)
Integrated load disconnect switch
Over voltage protection with automatic restart
Soft start with adjustable peak current limit
Enable pin
Low shutdown current
Small external inductor
Supply voltage from 3.0 V to 5.5 V
Application
PMOLED display driver
Description
STOD2540 is dedicated to passive matrix OLED
(PMOLED) displays for portable handsets and
provides the pre-charge and biasing voltage of
the column matrix driver as shown in figure 3. The
current capability of STOD2540 allows feeding a
1", 1.3" or 1.5" color PMOLED. STOD2540 is a
boost converter that operates from 3.0 V to 5.5 V
and can provide an output voltage as high as 25
V. The output current capability is maximum 40
mA up to 25 V output voltage. The regulation is
performed by a resistor divider network (figure 3)
that detects the output voltage.
In this state-of-the-art boost converter, a DC
current path exists between the battery source
and the load. In order to reduce the consumption
in shutdown mode, a high-side load isolation
switch is necessary to cut this DC current path in
standby mode. The load disconnect switch (LDS)
act as an isolation switch in shutdown mode.
QFN8 (3 x 3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STOD2540PUR
QFN8 (3 x 3 mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD2540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD2540 STMICROELECTRONICS-STOD2540 Datasheet
522Kb / 19P
PMOLED display power supply
11-Sep-2006
STOD2540PMR STMICROELECTRONICS-STOD2540PMR Datasheet
522Kb / 19P
PMOLED display power supply
11-Sep-2006
More results

Similar Description - STOD2540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD2540 STMICROELECTRONICS-STOD2540 Datasheet
522Kb / 19P
PMOLED display power supply
11-Sep-2006
STOD1812 STMICROELECTRONICS-STOD1812 Datasheet
1Mb / 19P
Power supply for PMOLED display panel
25-Mar-2008
STEVAL-CLP001V1 STMICROELECTRONICS-STEVAL-CLP001V1 Datasheet
81Kb / 4P
Demonstration board for PMOLED display power supply based on the STOD2540
04-Jun-2008
logo
Texas Instruments
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
TPS65632 Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
250mA Dual Outputs AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
Dual output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
Dual-Output AMOLED Display Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com