Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3B31 Datasheet(PDF) 2 Page - Analog Devices

Part # 3B31
Description  Isolated Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B31 Datasheet(HTML) 2 Page - Analog Devices

  3B31 Datasheet HTML 1Page - Analog Devices 3B31 Datasheet HTML 2Page - Analog Devices 3B31 Datasheet HTML 3Page - Analog Devices 3B31 Datasheet HTML 4Page - Analog Devices 3B31 Datasheet HTML 5Page - Analog Devices 3B31 Datasheet HTML 6Page - Analog Devices 3B31 Datasheet HTML 7Page - Analog Devices 3B31 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3B30 / 3B31
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 3B30 & 3B31 are narrow-bandwidth (3Hz) single-channel
signal conditioning modules which amplify, isolate, filter and
protect analog input voltages and provide simultaneous
precision voltage and current outputs. Each module performs
complete signal conditioning, including isolating (+1500V peak
input-to-output and power) and protecting their computer side
outputs from damage and loss of signal integrity, and shielding
their inputs from damage from field-side over-voltage faults up
to 220V rms. The current output withstands 130V rms without
damage and interfaces user equipment through screw terminals
located on the 3B Series backplane. Each plug-in, mix-and-
match, hot-swappable module is easily field calibrated via front-
panel zero and span adjustments for both voltage and current
outputs.
3B Series Custom-Ranging Program – Externally-
programmable Models 3B30-00 and 3B31-00, enable the user to
configure a special input range by using the optional plug-on
AC1310 ranging card, which houses user-supplied resistors to
determine zero and span. To facilitate selecting resistors, a
Windows program, 3B-CUSTOM, calculates resistor values
based on the user-desired input/output ranges.
A chopper-stabilized low-drift (+1uV/oC) input amplifier
assures stable long-term stability. At the amplifier input, a stable,
zero-scale input voltage is subtracted from the input signal to
set the zero-scale value. Zero suppression can exceed 100% of
the input range. This is ideal fro expanded-scale applications
requiring high-resolution measurement of a selected portion of
an input signal. For users convenience, the zero and span can be
factory configured to meet custom range needs (Models 3B30-
CUSTOM and 3B31-CUSTOM) or can be externally
programmed (Models 3B30-00 and 3B31-00) via user supplied
resistors inserted in the optional AC1310 plug-on ranging card.
Internal low-pass filtering with a 4Hz cutoff (-3dB) two-pole
Butterworth filter enhances both 60dB normal-mode and 160
dB common-mode rejection at 50/60 Hz, enabling accurate
measurement of small signals in high electrical noise.
Signal isolation is accomplished by transformer coupling with a
proprietary modulation technique for linear, stable and reliable
performance. The differential input circuit on the field side is
fully floating, eliminating the need for any input grounding. A
demodulator on the computer side of the signal transformer
recovers the original signal, which is then filtered and buffered
to provide a low-noise, low-impedance output voltage; this
output also drives a voltage-to-current (V/I) converter to
provide a simultaneous current output for interfacing versatility.
.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com