Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS650-07C Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-07C
Description  Networking Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-07C Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-07C Datasheet HTML 1Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 2Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 3Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 4Page - Integrated Circuit Systems ICS650-07C Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS650-07C
Networking Clock Source
MDS 650-07C A
1
Revision 101399
Printed 11/28/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
The ICS650-07C is a low cost, low jitter, high
performance clock synthesizer for networking
applications. Using analog Phase-Locked Loop
(PLL) techniques, the device accepts a 12.5 MHz
or 25.00 MHz clock or fundamental mode crystal
input to produce multiple output clocks for
networking chips, PCI devices, SDRAM, and
ASICs. The ICS650-07C outputs all have 0 ppm
synthesis error.
See the MK74CB214, ICS551, and ICS552-01 for
non-PLL buffer devices which produce multiple
low-skew copies of these output clocks.
See the ICS570, ICS9112-16/17/18 for zero delay
buffers that can synchronize outputs and other
needed clocks.
Block Diagram
Description
Features
• Packaged in 20 pin narrow (150 mil) SSOP (QSOP)
• 12.5 MHz or 25.00 MHz fundamental crystal or
clock input
• Six output clocks with selectable frequencies
• SDRAM frequencies of 67, 83, 100, and 133 MHz
• Buffered crystal reference output
• Zero ppm synthesis error in all clocks
• Ideal for PMC-Sierra’s ATM switch chips
• Full CMOS output swing with 25 mA output drive
capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.0V to 5.5V operating voltage
Clock
Buffer/
Crystal
Oscillator
VDD
GND
Clock Synthesis
and Control
Circuitry
12.5 MHz or
25.00 MHz
crystal or clock
Output
Buffer
CLKC1
REFOUT
2
2
Output
Buffer
CLKC2
Output
Buffer
X1
X2
Output
Buffer
CLKA1
Optional crystal capacitors are shown and may be required for tuning of initial accuracy (determined once per board).
ACS1,0
OE (all outputs)
÷ 2
CLKA2
Output
Buffer
Output
Buffer
CLKB1
÷ 2
CLKB2
Output
Buffer
2
BCS1,0
2
CCS


Similar Part No. - ICS650-07C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
More results

Similar Description - ICS650-07C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com