Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPB-9705RG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9705RG
Description  3.2 Gb/s Single-Fiber SFP Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9705RG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9705RG Datasheet HTML 1Page - Optoway Technology Inc SPB-9705RG Datasheet HTML 2Page - Optoway Technology Inc SPB-9705RG Datasheet HTML 3Page - Optoway Technology Inc SPB-9705RG Datasheet HTML 4Page - Optoway Technology Inc SPB-9705RG Datasheet HTML 5Page - Optoway Technology Inc SPB-9705RG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9705RG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2009 V2.0
1
SPB-9705RG / SPB-9705BRG / SPB-9705ARG
(SC BIDI SFP)
(RoHS Compliant)
SPB-9705RLG / SPB-9705BRLG / SPB-9705ARLG
(LC BIDI SFP)
1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l
Multirate up to 3.2 Gb/s
l
1-Fiber Bi-Directional SFP Optical Transceiver
l
Simplex SC Connector: SPB-9705RG
l
Simplex LC Connector: SPB-9705RLG
l
1550 nm DFB LD Transmitter
l
1310 nm Receiver
l
Distance Up to 5 km
l
AC/AC Coupling according to MSA
l
Single +3.3 V Power Supply
l
RoHS Compliant
l
0 to 70oC Operation: SPB-9705RG
l
-10 to 85oC Operation: SPB-9705BRG
l
-40 to 85oC Operation: SPB-9705ARG
l
Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l
10GBASE LX-4
l
Serial ATA / ATA2
l
SONET OC-48 / SDH STM-16
l
SONET OC-12 / SDH STM-4
l
SONET OC-3 / SDH STM-1
l
Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPB-9705RG series is high performance module for
10GBASE LX-4, Serial ATA/ATA2, SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre
Channel single fiber communications by using 1550 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. The transmitter
section uses a multiple quantum well 1550 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section is designed
to receive 1310 nm signal. The receiver section uses an
integrated 1310 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9705RG
Multirate*
5
1550 DFB
1310
SC SFP
0 to 70
-3 to -10
-18
Yes
SPB-9705BRG
Multirate*
5
1550 DFB
1310
SC SFP
-10 to 85 -3 to -10
-18
Yes
SPB-9705ARG
Multirate*
5
1550 DFB
1310
SC SFP
-40 to 85 -3 to -10
-18
Yes
SPB-9705RLG
Multirate*
5
1550 DFB
1310
LC SFP
0 to 70
-3 to -10
-18
Yes
SPB-9705BRLG
Multirate*
5
1550 DFB
1310
LC SFP
-10 to 85 -3 to -10
-18
Yes
SPB-9705ARLG
Multirate*
5
1550 DFB
1310
LC SFP
-40 to 85 -3 to -10
-18
Yes
Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3


Similar Part No. - SPB-9705RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9705RG OPTOWAY-SPB-9705RG Datasheet
178Kb / 6P
1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9705RG OPTOWAY-SPB-9705RG_15 Datasheet
405Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9705RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9740RG_2015 OPTOWAY-SPB-9740RG_2015 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9780R-1510G_2015 OPTOWAY-SPB-9780R-1510G_2015 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9805RG_2015 OPTOWAY-SPB-9805RG_2015 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG_2015 OPTOWAY-SPB-9840RG_2015 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9920RG_2015 OPTOWAY-SPB-9920RG_2015 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-97120R-1510G_2015 OPTOWAY-SPB-97120R-1510G_2015 Datasheet
224Kb / 5P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9780R-1510G OPTOWAY-SPB-9780R-1510G_15 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9805RG OPTOWAY-SPB-9805RG_15 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG OPTOWAY-SPB-9840RG_15 Datasheet
187Kb / 6P
3.2 Gb/s Single-Fiber SFP Transceiver
SPB-97120R-1590G OPTOWAY-SPB-97120R-1590G_15 Datasheet
184Kb / 5P
3.2 Gb/s Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com