Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM-H103 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STM-H103
Description  STM-H103 development board users manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STM-H103 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STM-H103 Datasheet HTML 5Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 6Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 7Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 8Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 9Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 10Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 11Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 12Page - List of Unclassifed Manufacturers STM-H103 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
EXTERNAL CONNECTOR DESCRIPTION:
EXTENSION 1
Pin #
Signal Name
Pin #
Signal Name
1
PA11/USBDM/CANRX
2
PA8
3
PA12/USBDP/CANTX
4
PA9/UART1.TX
5
+3.3V out
6
GND
7
PA10/UART1.RX
8
PC10
9
PC11/USBpull
10
PC12/LED
11
PD2
12
PB5/I2C1.SMBA
13
PB6/I2C.SCL
14
PA6/SPI1.MISO
15
PB7/I2C.SDA
16
PB8
17
PB9
18
PA5/SPI1.SCK
19
PC0
20
PC1
21
PB0
22
PA7/SPI1.MOSI
23
VBAT
24
PC13
25
RST
26
PB1
Page 9 of 18
1
25
2
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com