Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9178-03 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9178-03
Description  245 MHz Clock Generator and Integrated Buffer for PowerPC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9178-03 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9178-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9178-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ICS9178-03
Pin Description
*=Pin is pulled-up to VDD internally by the device.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
32
XAS0
Input
LSB Programmable Group A frequency selector.
31
XAS1
Input
MSB Programmable Group A frequency selector.
6
XCLKA0
Output
TTL/CMOS group A programmable clock output.
5
XCLKA1
Output
TTL/CMOS group A programmable clock output.
30
XBS0
Input
LSB Programmable Group B frequency selector.
29
XBS1
Input
MSB Programmable Group B frequency selector.
3
XCLKB0
Output
TTL/CMOS Group B programmable clock output.
2
XCLKB1
Output
TTL/CMOS Group B programmable clock output.
1
VDDXBA
Power for programmable Group A and B buffers (Pins 2, 3, 5, 6).
4
GNDXBA
Ground for programmable Group A and B buffers (Pins 2, 3, 5, 6).
44
GNDXC
Ground for the programmable Group C buffers (Pins 42 and 43).
43
XCLKC0
Output
TTL/CMOS Group C programmable clock output.
42
XCLKC1
Output
TTL/CMOS Group C programmable clock output.
41
VDDXC
Power for the XC signal output buffers (Pins 42 and 43).
28
XCS0
Input
LSB Programmable Group C frequency selector.
27
XCS1
Input
MSB Programmable Group C frequency selector.
11
PCLK0
Output
TTL/CMOS 1X Processor clock output.
10
PCLK1
Output
TTL/CMOS 1X Processor clock output.
8
GNDP
Ground for PCLK output buffers (Pins 11 and 10).
7
VDDP
Power for PCLK output buffers (Pins 11 and 10).
22
2XPCLK0
Output
PECL 2X Processor clock output.
21
2XPCLK1
Output
PECL 2X Processor clock output.
24
EVDD
Power for PECL buffers (Pins 21 and 22).
23
EGND
Ground for PECL buffers (Pins 21 and 22).
20
EGND
Ground for PECL buffers (Pins 21 and 22).
38*
FS0
Input
LSB frequency select PLL (divider mode control).
37*
FS1
Input
MSB frequency select PLL (divider mode control).
36
FBCLK
Input
External PLL feedback path from one of the BCLK outputs.
35
REFCLK
Input
External reference clock input.
25
AVDD
Power for the analog PLL circuitry.
26
AGND
Ground for the analog PLL circuitry.
19
DCLK
Output
TTL/CMOS D clock output.
16
VDDD
Power for D output buffers (Pin 19).
17
GNDD
Ground for D output buffer (Pin 19).
15
BCLK0
Output
TTL/CMOS B (Bus) clock output.
14
BCLK1
Output
TTL/CMOS B (Bus) clock output.
13
GNDBAB
Ground for output buffers AB and B clocks (Pins 14, 15 & 18).
12
VDDBAB
Power for output buffers AB and B clocks (Pins 14, 15 & 18).
18
ABCLK
Output
TTL/CMOS AB Bus clock (has Asymmetric duty cycle).
40
TCLK
Input
External test clock input.
39
TEN#
Input
Test enable (tie low).
9
RESET#
Input
Sync register reset (active low).
33
VDD
Digital power supply for 5.0 or 3.3V.
34
GND
Digital ground supply.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com